Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 53Page - National Semiconductor (TI) CS5530 Datasheet HTML 54Page - National Semiconductor (TI) CS5530 Datasheet HTML 55Page - National Semiconductor (TI) CS5530 Datasheet HTML 56Page - National Semiconductor (TI) CS5530 Datasheet HTML 57Page - National Semiconductor (TI) CS5530 Datasheet HTML 58Page - National Semiconductor (TI) CS5530 Datasheet HTML 59Page - National Semiconductor (TI) CS5530 Datasheet HTML 60Page - National Semiconductor (TI) CS5530 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 241 page
background image
Revision 4.1
57
www.national.com
Functional Description (Continued)
F0 Index 8Ch
IRQ Speedup Timer Count Register (R/W)
Reset Value = 00h
7:0
IRQ Speedup Timer Count: This field represents the load value for the IRQ speedup timer. It is loaded into the counter
when Suspend Modulation is enabled (F0 Index 96[0] = 1) and an INTR or an access to I/O Port 061h occurs. When the
event occurs, the Suspend Modulation logic is inhibited, permitting full performance operation of the CPU. Upon expira-
tion, no SMI is generated; the Suspend Modulation begins again. The IRQ speedup timer’s timebase is 1 ms.
This speedup mechanism allows instantaneous response to system interrupts for full-speed interrupt processing. A typi-
cal value here would be 2 to 4 ms.
F0 Index 8Dh
Video Speedup Timer Count Register (R/W)
Reset Value = 00h
7:0
Video Speedup Timer Count: This field represents the load value for the Video speedup timer. It is loaded into the
counter when Suspend Modulation is enabled (F0 Index 96[0] = 1) and any access to the graphics controller occurs.
When a video access occurs, the Suspend Modulation logic is inhibited, permitting full-performance operation of the
CPU. Upon expiration, no SMI is generated; the Suspend Modulation begins again. The video speedup timer’s timebase
is 1 ms.
This speedup mechanism allows instantaneous response to video activity for full speed during video processing calcula-
tions. A typical value here would be 50 to 100 ms.
F0 Index 94h
Suspend Modulation OFF Count Register (R/W)
Reset Value = 00h
7:0
Suspend Signal Deasserted Count: This 8-bit counter represents the number of 32 µs intervals that the SUSP#
pin is deasserted to the processor. This counter, together with the Suspend Modulation ON Count Register (F0 Index
95h), perform the Suspend Modulation function for CPU power management. The ratio of the on-to-off count sets up an
effective (emulated) clock frequency, allowing the power manager to reduce CPU power consumption.
This counter is prematurely reset if an enabled speedup event occurs. The speedup events are IRQ speedups and video
speedups.
F0 Index 95h
Suspend Modulation ON Count Register (R/W)
Reset Value = 00h
7:0
Suspend Signal Asserted Count: This 8-bit counter represents the number of 32 µs intervals that the SUSP# pin is
asserted. This counter, together with the Suspend Modulation OFF Count Register (F0 Index 94h), perform the Suspend
Modulation function for CPU power management. The ratio of the on-to-off count sets up an effective (emulated) clock
frequency, allowing the power manager to reduce CPU power consumption.
This counter is prematurely reset if an enabled speedup event occurs. The speedup events are IRQ speedups and video
speedups.
F0 Index 96h
Suspend Configuration Register (R/W)
Reset Value = 00h
7:3
Reserved: Set to 0.
2
Suspend Mode Configuration: “Special 3 Volt Suspend” mode to support powering down the GXLV processor during
Suspend: 0 = Disable; 1 = Enable.
1
SMI Speedup Configuration: Selects how Suspend Modulation function reacts when an SMI occurs:
0 = Use the IRQ Speedup Timer Count Register (F0 Index 8Ch) to temporarily disable Suspend Modulation when an SMI
occurs.
1 = Disable Suspend Modulation when an SMI occurs until a read to the SMI Speedup Disable Register (F1BAR+Memory
Offset 08h).
The purpose of this bit is to disable Suspend Modulation while the CPU is in the System Management Mode so that VSA
and Power Management operations occur at full speed. Two methods for accomplishing this are either to map the SMI
into the IRQ Speedup Timer Count Register (F0 Index 8Ch), or to have the SMI disable Suspend Modulation until the SMI
handler reads the SMI Speedup Disable Register (F1BAR+Memory Offset 08h). The latter is the preferred method. The
IRQ speedup method is provided for software compatibility with earlier revisions of the CS5530. This bit has no effect if
the Suspend Modulation feature is disabled (bit 0 = 0).
0
Suspend Modulation Feature Enable: Suspend Modulation feature: 0 = Disable; 1 = Enable.
When enabled, the SUSP# pin is asserted and deasserted for the durations programmed in the
Suspend Modulation OFF/ON Count Registers (F0 Index 94h/95h).
F0 Index A8h-A9h
Video Overflow Count Register (R/W)
Reset Value = 0000h
15:0
Video Overflow Count: Each time the Video Speedup Counter (F0 Index 8Dh) is triggered, a 100 ms timer is started. If
the 100 ms timer expires before the Video Speedup Counter lapses, the Video Overflow Count Register increments and
the 100 ms timer re-triggers. Software clears the overflow register when new evaluations are to begin. The count con-
tained in this register may be combined with other data to determine the type of video accesses present in the system.
Table 3-13. Suspend Modulation Related Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com