Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 56Page - National Semiconductor (TI) CS5530 Datasheet HTML 57Page - National Semiconductor (TI) CS5530 Datasheet HTML 58Page - National Semiconductor (TI) CS5530 Datasheet HTML 59Page - National Semiconductor (TI) CS5530 Datasheet HTML 60Page - National Semiconductor (TI) CS5530 Datasheet HTML 61Page - National Semiconductor (TI) CS5530 Datasheet HTML 62Page - National Semiconductor (TI) CS5530 Datasheet HTML 63Page - National Semiconductor (TI) CS5530 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 241 page
background image
www.national.com
60
Revision 4.1
Functional Description (Continued)
3.4.3
Peripheral Power Management
The CS5530 provides peripheral power management
using a combination of device idle timers, address traps,
and general purpose I/O pins. Idle timers are used in con-
junction with traps to support powering down peripheral
devices. Eight programmable GPIO (general purpose I/O)
pins are included for external device power control as well
as other functions. All I/O addresses are decoded in 16
bits. All memory addresses are decoded in 32 bits.
3.4.3.1
Device Idle Timers and Traps
Idle timers are used to power manage a peripheral by
determining when the peripheral has been inactive for a
specified period of time, and removing power from the
peripheral at the end of that time period.
Idle timers are provided for the commonly-used peripher-
als (FDC, IDE, parallel/serial ports, and mouse/keyboard).
In addition, there are three user-defined timers that can
be configured for either I/O or memory ranges.
Theidletimersare 16-bit countdowntimerswitha1sec-
ond time base, providing a time-out range of 1 to 65536
seconds (1092 minutes) (18 hours).
When the idle timer count registers are loaded with a non-
zero value and enabled, the timers decrement until one of
two possibilities happens: a bus cycle occurs at that I/O or
memory range, or the timer decrements to zero.
If a bus cycle occurs, the timer is reloaded and begins
decrementing again. If the timer decrements to zero, and
power management is enabled (F0 Index 80h[0] = 1), the
timer generates an SMI.
When an idle timer generates an SMI, the SMI handler
manages the peripheral power, disables the timer, and
enables the trap. The next time an event occurs, the trap
generates an SMI. This time, the SMI handler applies
power to the peripheral, resets the timer, and disables the
trap.
Tables 3-16 through3-24show thedeviceassociatedidle
timers and traps programming bits.
Table 3-16. Power Management Global Enabling Bits
Bit
Description
F0 Index 80h
Power Management Enable Register 1 (R/W)
Reset Value = 00h
2
Traps: Globally enable all power management device I/O traps: 0 = Disable; 1 = Enable.
This excludes the audio I/O traps. They are enabled at F3BAR+Memory Offset 18h.
1
Idle Timers: Globally enable all power management device idle timers: 0 = Disable; 1 = Enable.
Note, disable at this level does not reload the timers on the enable. The timers are disabled at their current counts.
This bit has no affect on the Suspend Modulation OFF/ON Timers (F0 Index 94h/95h).
0
Power Management: Global power management: 0 = Disable; 1 = Enabled.
This bit must be set (1) immediately after POST for power management resources to function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com