Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 51Page - National Semiconductor (TI) CS5530 Datasheet HTML 52Page - National Semiconductor (TI) CS5530 Datasheet HTML 53Page - National Semiconductor (TI) CS5530 Datasheet HTML 54Page - National Semiconductor (TI) CS5530 Datasheet HTML 55Page - National Semiconductor (TI) CS5530 Datasheet HTML 56Page - National Semiconductor (TI) CS5530 Datasheet HTML 57Page - National Semiconductor (TI) CS5530 Datasheet HTML 58Page - National Semiconductor (TI) CS5530 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 241 page
background image
Revision 4.1
55
www.national.com
Functional Description (Continued)
3.4.2
CPU Power Management
The three greatest power consumers in a system are the
display, the hard drive, and the CPU. The power manage-
ment of the first two is relatively straightforward and is dis-
cussed in Section 3.4.3 “Peripheral Power Management”
on page 60.
APM,ifavailable,isusedprimarily by CPUpower man-
agement since the operating system is most capable of
reporting the Idle condition. Additional resources provided
by the CS5530 supplement APM by monitoring external
activity and power managing the CPU based on the sys-
tem demands. The two processes for power managing the
CPU are Suspend Modulation and 3 Volt Suspend.
3.4.2.1
Suspend Modulation
Suspend Modulation works by asserting and de-asserting
the SUSP# pin to the CPU for configurable durations.
When the SUSP# pin is asserted to the processor, the
processor enters an Idle state during which time the
power consumption is significantly reduced. Even though
the PCI clock is still running, the processor stops clocks to
its core when SUSP# is asserted. By modulating the
SUSP# pin, a reduced frequency of operation is achieved.
The Suspend Modulation feature works by assuming that
the processor is idle unless external activity indicates oth-
erwise. This approach effectively slows down the proces-
sor until external activity indicates a need to run at full
speed,
thereby
reducing
power
consumption.
This
approach is the opposite of that taken by most power
management schemes in the industry, which run the sys-
tem at full speed until a period of inactivity is detected,
and then slows down. Suspend Modulation, the more
aggressive approach, yields lower power consumption.
Suspend Modulation serves as the primary CPU power
management mechanism when APM is not present. It
also acts as a backup for situations where APM does not
correctly detect an Idle condition in the system.
In order to provide high-speed performance when
needed, the SUSP# pin modulation is temporarily dis-
abled any time system activity is detected. When this hap-
pens, the processor is “instantly” converted to full speed
for a programmed duration. System activities in the
CS5530 are asserted as: any unmasked IRQ, accessing
Port 061h, any asserted SMI, and/or accessing the video
port.
Since the graphics controller is integrated in the GXLV
processor, the indication of video activity is sent to the
CS5530 via the serial link (see Section 3.1.2 “PSERIAL
Pin Interface” on page 44 for more information on serial
link) and is automatically decoded. Video activity is
defined as any access to the VGA register space, the
VGA frame buffer, the graphics accelerator control regis-
ters and the configured graphics frame buffer.
The automatic speedup events (video and IRQ) for Sus-
pend Modulation should be used together with software-
controlled speedup registers for major I/O events such as
any access to the floppy disk controller, hard disk drive, or
parallel/serial ports, since these are indications of major
system activities. When major I/O events occur, Suspend
Modulation should be temporarily disabled using the pro-
cedures described in the Power Management Registers in
the following subsections.
If a bus master (Ultra DMA/33, Audio, USB) request
(REQ#) occurs, the processor automatically deasserts
SUSPA# and grants (GNT#) the bus to the requesting bus
master. When the bus master deasserts REQ#, SUSPA#
reasserts. This does not directly affect the Suspend Mod-
ulation programming.
Table 3-12. APM Support Registers
Bit
Description
F0 Index AEh
CPU Suspend Command Register (WO)
Reset Value = 00h
7:0
Software CPU Suspend Command (Write Only): If bit 0 in the Clock Stop Control Register is set low (F0 Index BCh[0]
= 0), a write to this register causes a SUSP#/SUSPA# handshake with the CPU, placing the CPU in a low-power state.
The data written is irrelevant. Once in this state, any unmasked IRQ or SMI releases the CPU halt
condition.
If F0 Index BCh[0] = 1, writing to this register invokes a full system Suspend. In this case, the SUSP_3V pin is asserted
after the SUSP#/SUSPA# halt. Upon a Resume event (see Note), the PLL delay programmed in the F0 Index BCh[7:4]
will be invoked, allowing the clock chip and CPU PLL to stabilize before deasserting the SUSP# pin.
Note: If the clocks are stopped, the external IRQ4 and IRQ3 pins, when enabled (F3BAR+Memory Offset 1Ah[4:3]), are
the only IRQ pins that can be used as a Resume event. If GPIO2, GPIO1, and GPIO0 are enabled as an external
SMI source (F0 Index 92h[2:0]), they too can be used as a Resume event. No other CS5530 pins can be used to
wake-up the system from Suspend when the clocks are stopped. As long as the 32 KHz clock remains active,
internal SMI events are also Resume events.
F0 Index D0h
Software SMI Register (WO)
Reset Value = 00h
7:0
Software SMI (Write Only): A write to this location generates an SMI. The data written is irrelevant. This register allows
software entry into SMM via normal bus access instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com