Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 90Page - National Semiconductor (TI) CS5530 Datasheet HTML 91Page - National Semiconductor (TI) CS5530 Datasheet HTML 92Page - National Semiconductor (TI) CS5530 Datasheet HTML 93Page - National Semiconductor (TI) CS5530 Datasheet HTML 94Page - National Semiconductor (TI) CS5530 Datasheet HTML 95Page - National Semiconductor (TI) CS5530 Datasheet HTML 96Page - National Semiconductor (TI) CS5530 Datasheet HTML 97Page - National Semiconductor (TI) CS5530 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 241 page
background image
www.national.com
94
Revision 4.1
Functional Description (Continued)
The middle address portion, which selects a block within
the page, is generated by the DMA controller at the begin-
ning of a DMA operation and any time the DMA address
increments or decrements through a block boundary.
Block sizes are 256 bytes for 8-bit channels (Channels 0
through 3) and 512 bytes for 16-bit channels (Channels 5,
6, and7). Themiddleaddress bits aredriven onPCI
address bits AD[15:8] for 8-bit channels and AD[16:9] for
16-bit channels.
The lower address portion is generated directly by the
DMA controller during DMA operations. The lower
address bits are output on PCI address bits AD[7:0] for 8-
bit channels and AD[8:1] for 16-bit channels.
SBHE# is configured as an output during all DMA opera-
tions. It is driven as the inversion of AD0 during 8-bit DMA
cycles and forced low for all 16-bit DMA cycles.
3.5.4.2
Programmable Interval Timer
The CS5530 contains an 8254-equivalent Programmable
Interval Timer (PIT) configured as shown in Figure 3-14.
ThePIT has threetimers/counters,eachwithaninput fre-
quency of 1.19318 MHz (OSC divided by 12), and individ-
ually programmable to different modes.
The gates of Counter 0 and 1 are usually enabled, how-
ever, they can be controlled via F0 Index 50h (see Table 3-
40). The gate of Counter 2 is connected to I/O Port
061h[0]. The output of Counter 0 is connected internally to
IRQ0. This timer is typically configured in Mode 3 (square
wave output), and used to generate IRQ0 at a periodic
rate to be used as a system timer function. The output of
Counter 1 is connected to I/O Port 061h[4]. The reset
state of I/O Port 061h[4] is 0 and every falling edge of
Counter 1 output causes I/O Port 061h[4] to flip states.
The output of Counter 2 is brought out to the PC_BEEP
output. This output is gated with I/O Port 061h[1].
Figure 3-14. PIT Timer
Table 3-40. PIT Control and I/O Port 061h Associated Register Bits
Bit
Description
F0 Index 50h
PIT Control/ISA CLK Divider (R/W)
Reset Value = 7Bh
7
PIT Software Reset: 0 = Disable; 1 = Enable.
6
PIT Counter 1: 0 = Forces Counter 1 output (OUT1) to zero;
1 = Allows Counter 1 output (OUT1) to pass to I/O Port 061h[4].
5
PIT Counter 1 Enable: 0 = Sets GATE1 input low; 1 = Sets GATE1 input high.
4
PIT Counter 0: 0 = Forces Counter 0 output (OUT0) to zero; 1 = Allows Counter 0 output (OUT0) to pass to IRQ0.
3
PIT Counter 0 Enable: 0 = Sets GATE0 input low; 1 = Sets GATE0 input high.
I/O Port 061h
Port B Control Register (R/W)
Reset Value = 00x01100b
5
PIT OUT2 State (Read Only): This bit reflects the current status of the PIT Counter 2 (OUT2).
4
Toggle (Read Only): This bit toggles on every falling edge of Counter 1 (OUT1).
1
PIT Counter 2 (SPKR): 0 = Forces Counter 2 output (OUT2) to zero. 1 = Allows Counter 2 output (OUT2) to pass to the
speaker
0
PIT Counter 2 Enable: 0 = Sets GATE2 input low. 1 = Sets GATE2 input high.
CLK0
CLK1
CLK2
GATE0
GATE1
GATE2
XD[7:0]
A[1:0]
IOW#
IOR#
I/O Port 061h[1]
I/O Port 061h[0]
IRQ0
I/O Port 061h[4]
PC_BEEP
1.19318 MHz
WR#
RD#
OUT0
OUT1
OUT2
F0 Index 50h[4]
F0 Index 50h[6]
F0 Index 50h[3]
F0 Index 50h[5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com