Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 79Page - National Semiconductor (TI) CS5530 Datasheet HTML 80Page - National Semiconductor (TI) CS5530 Datasheet HTML 81Page - National Semiconductor (TI) CS5530 Datasheet HTML 82Page - National Semiconductor (TI) CS5530 Datasheet HTML 83Page - National Semiconductor (TI) CS5530 Datasheet HTML 84Page - National Semiconductor (TI) CS5530 Datasheet HTML 85Page - National Semiconductor (TI) CS5530 Datasheet HTML 86Page - National Semiconductor (TI) CS5530 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 241 page
background image
Revision 4.1
83
www.national.com
Functional Description (Continued)
Table 3-34. Device Power Management Programming Summary
Device Power
Management Resource
Located at F0 Index xxh Unless Otherwise Noted
Enable
Configuration
Second Level
SMI Status/No Clear
Second Level SMI
Status/With Clear
Global Timer Enable
80h[1]
N/A
N/A
N/A
Keyboard / Mouse Idle Timer
81h[3]
93h[1:0]
85h[3]
F5h[3]
Parallel / Serial Idle Timer
81h[2]
93h[1:0]
85h[2]
F5h[2]
Floppy Disk Idle Timer
81h[1]
9Ah[15:0], 93h[7]
85h[1]
F5h[1]
Video Idle Timer (Note 1)
81h[7]
A6h[15:0]
85h[7]
F5h[7]
VGA Timer (Note 2)
83h[3]
8Eh[7:0]
F1BAR+Memory
Offset 00h[6]
F1BAR+Memory
Offset 02h[6]
Primary Hard Disk Idle Timer
81h[0]
98h[15:0], 93h[5]
85h[0]
F5h[0]
Secondary Hard Disk Idle Timer
83h[7]
ACh[15:0], 93h[4]
86h[4]
F6h[4]
User Defined Device 1 Idle Timer
81h[4]
A0h[15:0], C0h[31:0],
CCh[7:0]
85h[4]
F5h[4]
User Defined Device 2 Idle Timer
81h[5]
A2h[15:0], C4h[31:0],
CDh[7:0]
85h[5]
F5h[5]
User Defined Device 3 Idle Timer
81h[6]
A4h[15:0], C8h[31:0],
CEh[7:0]
85h[6]
F5h[6]
Global Trap Enable
80h[2]
N/A
N/A
N/A
Keyboard / Mouse Trap
82h[3]
9Eh[15:0] 93h[1:0]
86h[3]
F6h[3]
Parallel / Serial Trap
82h[2]
9Ch[15:0], 93h[1:0]
86h[2]
F6h[2]
Floppy Disk Trap
82h[1]
93h[7]
86h[1]
F6h[1]
Video Access Trap
82h[7]
N/A
86h[7]
F6h[7]
Primary Hard Disk Trap
82h[0]
93h[5]
86h[0]
F6h[0]
Secondary Hard Disk Trap
83h[6]
93h[4]
86h[5]
F6h[5]
User Defined Device 1 Trap
82h[4]
C0h[31:0], CCh[7:0]
F1BAR+Memory
Offset 04h[2]
F1BAR+Memory
Offset 06h[2]
User Defined Device 2 Trap
82h[5]
C4h[31:0], CDh[7:0]
F1BAR+Memory
Offset 04h[3]
F1BAR+Memory
Offset 06h[3]
User Defined Device 3 Trap
82h[6]
C8h[31:0], CEh[7:0]
F1BAR+Memory
Offset 04h[4]
F1BAR+Memory
Offset 06h[4]
General Purpose Timer 1
83h[0]
88h[7:0], 89h[7:0], 8Bh[4]
F1BAR+Memory
Offset 04h[0]
F1BAR+Memory
Offset 06h[0]
General Purpose Timer 2
83h[1]
8Ah[7:0], 8Bh[5,3,2]
F1BAR+Memory
Offset 04h[1]
F1BAR+Memory
Offset 06h[1]
GPIO7 Pin
N/A
90h[7], 91h[7], 92h[7],
97h[7,3]
91h[7]
N/A
GPIO6 Pin
N/A
90h[6], 91h[6], 92h[6]
87h[4,3], 91h[6]
F7h[4,3]
GPIO5 Pin
N/A
90h[5], 91h[5], 97h[6,2]
91h[5]
N/A
GPIO4 Pin
N/A
90h[4], 91h[4], 97h[5,1]
91h[4]
N/A
GPIO3 Pin
N/A
90h[3], 91h[3], 97h[4,0]
91h[3]
N/A
GPIO2 Pin
N/A
90h[2], 91h[2], 92h[5,2]
87h[7], 91h[2]
F7h[7]
GPIO1 Pin
N/A
90h[1], 91h[1] 92h[4,1]
87h[6], 91h[1]
F7h[6]
GPIO0 Pin
N/A
90h[0], 91h[0], 92h[3,0]
87h[5], 91h[0]
F7h[5]
Suspend Modulation OFF/ON
Video Speedup
IRQ Speedup
96h[0]
80h[4]
80h[3]
94h[7:0]/95h[7:0]
8Dh[7:0]
8Ch[7:0]
N/A
A8h[15:0]
N/A
N/A
N/A
N/A
Note: 1. This function is used for Suspend determination.
2. This function is used for SoftVGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com