Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 30Page - National Semiconductor (TI) CS5530 Datasheet HTML 31Page - National Semiconductor (TI) CS5530 Datasheet HTML 32Page - National Semiconductor (TI) CS5530 Datasheet HTML 33Page - National Semiconductor (TI) CS5530 Datasheet HTML 34Page - National Semiconductor (TI) CS5530 Datasheet HTML 35Page - National Semiconductor (TI) CS5530 Datasheet HTML 36Page - National Semiconductor (TI) CS5530 Datasheet HTML 37Page - National Semiconductor (TI) CS5530 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 241 page
background image
www.national.com
34
Revision 4.1
Signal Definitions (Continued)
2.2.11 Display Interface
Signal Name
Pin
No.
Type
Description
Pixel Port
PCLK
A13
I
Pixel Clock
This clock is used to sample data on the PIXEL input port. It runs at the
graphics DOT clock (DCLK) rate.
PIXEL[23:0]
Refer
to
Table
2-3
I
Pixel Data Port
This is the input pixel data from the processor’s display controller. If
F4BAR+Memory Offset 00h[29] is reset, the data is sent in RGB 8:8:8 for-
mat. Otherwise, the pixel data is sent in RGB 5:6:5 format which has been
dithered by the processor. The other eight bits are used in conjunction
with VID_DATA[7:0] to provide 16-bit video data. This bus is sampled by
the PCLK input.
ENA_DISP
B1
I
Display Enable Input
This signal qualifies active data on the pixel input port. It is used to qualify
active pixel data for all display modes and configurations and is not spe-
cific to flat panel display.
Display CRT
HSYNC
C6
I
Horizontal Sync Input
This is the CRT horizontal sync input from the processor’s display control-
ler. It is used to indicate the start of a new video line. This signal is pipe-
lined for the appropriate number of clock stages to remain in sync with the
pixel data. A separate output (HSYNC_OUT) is provided to re-drive the
CRT and flat panel interfaces.
HSYNC_OUT
N1
O
Horizontal Sync Output
This is the horizontal sync output to the CRT. It represents a delayed ver-
sion of the input horizontal sync signal with the appropriate pipeline delay
relative to the pixel data. The pipeline delay and polarity of this signal are
programmable.
VSYNC
B5
I
Vertical Sync Input
This is the CRT vertical sync input from the processor’s display controller.
It is used to indicate the start of a new frame. This signal is pipelined for
the appropriate number of clock stages to remain in sync with the pixel
data. A separate output (VSYNC_OUT) is provided to re-drive the CRT
and flat panel interfaces.
VSYNC_OUT
N2
O
Vertical Sync Output
This is the vertical sync output to the CRT. It represents a delayed version
of the input vertical sync signal with the appropriate pipeline delay relative
to the pixel data. The pipeline delay and polarity of this signal are pro-
grammable.
DDC_SCL
M2
O
DDC Serial Clock
This is the serial clock for the VESA Display Data Channel interface. It is
used for monitor communications. The DDC2B standard is supported by
this interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com