Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 71Page - National Semiconductor (TI) CS5530 Datasheet HTML 72Page - National Semiconductor (TI) CS5530 Datasheet HTML 73Page - National Semiconductor (TI) CS5530 Datasheet HTML 74Page - National Semiconductor (TI) CS5530 Datasheet HTML 75Page - National Semiconductor (TI) CS5530 Datasheet HTML 76Page - National Semiconductor (TI) CS5530 Datasheet HTML 77Page - National Semiconductor (TI) CS5530 Datasheet HTML 78Page - National Semiconductor (TI) CS5530 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 241 page
background image
Revision 4.1
75
www.national.com
Functional Description (Continued)
3.4.3.5
Power Management SMI Status Reporting
Registers
The CS5530 updates status registers to reflect the SMI
sources. Power management SMI sources are the device
idle timers, address traps, and general purpose I/O pins.
Power management events are reported to the processor
through the SMI# pin. It is active low. When an SMI is initi-
ated, the SMI# pin is asserted low and is held low until all
SMI sources are cleared. At that time, SMI# is deas-
serted.
All SMI sources report to the Top Level SMI Status Regis-
ter (F1BAR+Memory Offset 02h) and the Top Level SMI
Status Mirror Register (F1BAR+Memory Offset 00h). The
Top SMI Status and Status Mirror Registers are the top
level of hierarchy for the SMI Handler in determining the
source of an SMI. These two registers are identical except
that reading the register at F1BAR+Memory Offset 02h
clears the status.
Since all SMI sources report to the Top Level SMI Status
Register, many of its bits combine a large number of
events requiring a second level of SMI status reporting.
The second level of SMI status reporting is set up very
much like the top level. There are two status reporting reg-
isters, one “read only” (mirror) and one “read to clear”.
The data returned by reading either offset is the same, the
difference between the two being that the SMI can not be
cleared by reading the mirror register.
Figure 3-7 shows an example SMI tree for checking and
clearing the source of General Purpose Timers and the
User Defined Trap generated SMI.
Table 3-32 shows the bit formats of the read to clear Top
Level SMI Status Register (F1BAR+Memory Offset 02h).
Table3-33showsthe bitformats of thereadto clear sec-
ond level SMI status registers. For information regarding
the location of the corresponding mirror register, refer to
the note in the footer of the register description.
Keep in mind, all SMI sources in the CS5530 are reported
into the Top Level SMI Status Registers (F1BAR+Memory
Offset 00h/02h); however, this discussion is regarding
power management SMIs. For details regarding audio
SMI events/reporting, refer to Section 3.7.2.2 “Audio SMI
Related Registers” on page 120.
Index 97h
GPIO Control Register 2 (R/W)
Reset Value = 00h
7
GPIO7 Edge Sense for SMI: Selects which edge transition of the GPIO7 pin generates an SMI:
0 = Rising; 1 = Falling.
Bit 3 must be set to enable this bit.
6
GPIO5 Edge Sense for SMI: Selects which edge transition of the GPIO5 pin generates an SMI:
0 = Rising; 1 = Falling.
Bit 2 must be set to enable this bit.
5
GPIO4 Edge Sense for SMI: Selects which edge transition of the GPIO4 pin generates an SMI:
0 = Rising; 1 = Falling.
Bit 1 must be set to enable this bit.
4
GPIO3 Edge Sense for SMI: Selects which edge transition of the GPIO3 pin will cause an external SMI:
0 = Rising; 1 = Falling.
Bit 0 must be set to enable this bit.
3
Enable GPIO7 as an External SMI Source: Allow GPIO7 to be an external SMI source and to generate an SMI on either
a rising or falling edge transition (depends upon setting of bit 7): 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[3].
2
Enable GPIO5 as an External SMI Source: Allow GPIO5 to be an external SMI source and to generate an SMI on either
a rising or falling edge transition (depends upon setting of bit 6): 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[2].
1
Enable GPIO4 as an External SMI Source: Allow GPIO4 to be an external SMI source and to generate an SMI on either
a rising- or falling-edge transition (depends upon setting of bit 5): 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[1].
0
Enable GPIO3 as an External SMI Source: Allow GPIO3 to be an external SMI source and to generate an SMI on either
a rising or falling edge transition (depends upon setting of bit 4) 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[0].
Note: For any of the above bits to function properly, the respective GPIO pin must be configured as an input (F0 Index 90h).
Table 3-31. GPIO Pin Configuration/Control Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com