Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 65Page - National Semiconductor (TI) CS5530 Datasheet HTML 66Page - National Semiconductor (TI) CS5530 Datasheet HTML 67Page - National Semiconductor (TI) CS5530 Datasheet HTML 68Page - National Semiconductor (TI) CS5530 Datasheet HTML 69Page - National Semiconductor (TI) CS5530 Datasheet HTML 70Page - National Semiconductor (TI) CS5530 Datasheet HTML 71Page - National Semiconductor (TI) CS5530 Datasheet HTML 72Page - National Semiconductor (TI) CS5530 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 241 page
background image
Revision 4.1
69
www.national.com
Functional Description (Continued)
Although not considered as device idle timers, two addi-
tional timers are provided by the CS5530. The Video Idle
Timer used for Suspend-determination and the VGA
Timer used for SoftVGA.
These timers and their associated programming bits are
listed in Tables 3-25 and 3-26.
Table 3-25. Video Idle Timer and Trap Related Registers
Bit
Description
F0 Index 81h
Power Management Enable Register 2 (R/W)
Reset Value = 00h
7
Video Access Idle Timer Enable: Turn on Video Idle Timer Count Register (F0 Index A6h) and generate an SMI when
the timer expires: 0 = Disable; 1 = Enable.
If an access occurs in the video address range (sets bit 0 of the GXLV processor’s PSERIAL Register) the timer is
reloaded with the programmed count.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
F0 Index 82h
Power Management Enable Register 3 (R/W)
Reset Value = 00h
7
Video Access Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the video address range (sets bit 0 of the GXLV processor’s PSERIAL Reg-
ister) an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[7].
F0 Index A6h-A7h
Video Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Video Idle Timer Count: This idle timer determines when the graphics subsystem has been idle as part of the
Suspend-determination algorithm. The 16-bit value programmed here represents the period of video inactivity after which
the system is alerted via an SMI. The count in this timer is automatically reset whenever an access occurs to the graphics
controller space. The counter uses a 1 second timebase.
In a GXLV processor based system the graphics controller is embedded in the CPU, so video activity is communicated to
the CS5530 via the serial connection (PSERIAL register, bit 0) from the processor. The CS5530 also detects accesses to
standard VGA space on PCI (3Bxh, 3h, 3Dxh and A000h-B7FFh) in the event an external VGA controller is being used.
To enable this timer set F0 Index 81h[7] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
Table 3-26. VGA Timer Related Registers
Bit
Description
Index 83h
Power Management Enable Register 4 (R/W)
Reset Value = 00h
3
VGA Timer Enable: Turn on VGA Timer and generate an SMI when the timer reaches 0: 0 = Disable; 1 = Enable
If an access occurs in the programmed address range the timer is reloaded with the programmed count. VGA Timer pro-
gramming is at F0 Index 8Eh and F0 Index 8Bh[6]
SMI Status reporting is at F1BAR+Memory Offset 00h/02h[6] (only).
Index 8Bh
General Purpose Timer 2 Control Register (R/W)
Reset Value = 00h
6
VGA Timer Base: Selects timebase for VGA Timer Register (F0 Index 8Eh): 0 = 1 ms; 1 = 32 µs.
Index 8Eh
VGA Timer Count Register (R/W)
Reset Value = 00h
7:0
VGA Timer Load Value: This field represents the load value for VGA Timer. It is loaded into the counter when the timer
is enabled (F0 Index 83h[3] = 1). The counter is decremented with each clock of the configured timebase (F0 Index
8Bh[6]). Upon expiration of the counter, an SMI is generated and the status is reported in F1BAR+Memory Offset
00h/02h[6] (only). Once expired, this counter must be re-initialized by either disabling and enabling it, or writing a new
count value here.
This counter’s timebase is 1 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com