Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 4Page - National Semiconductor (TI) CS5530 Datasheet HTML 5Page - National Semiconductor (TI) CS5530 Datasheet HTML 6Page - National Semiconductor (TI) CS5530 Datasheet HTML 7Page - National Semiconductor (TI) CS5530 Datasheet HTML 8Page - National Semiconductor (TI) CS5530 Datasheet HTML 9Page - National Semiconductor (TI) CS5530 Datasheet HTML 10Page - National Semiconductor (TI) CS5530 Datasheet HTML 11Page - National Semiconductor (TI) CS5530 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 241 page
background image
www.national.com
8
Revision 4.1
Architecture Overview (Continued)
1.5
POWER MANAGEMENT
The CS5530 integrates advanced power management
features including:
• Idle timers for common system peripherals
• Address trap registers for programmable address
ranges for I/O or memory accesses
• Up to eight programmable GPIOs
• Clock throttling with automatic speedup for the CPU
clock
• Software CPU stop clock
• Zero Volt Suspend/Resume with peripheral shadow
registers
• Dedicated serial bus to/from the GXLV processor
providing CPU power management status
TheCS5530is anACPI (Advanced Controland Power
Interface) compliant chipset. An ACPI compliant system is
one whose underlying BIOS, device drivers, chipset and
peripherals conform to revision 1.0 or newer of the ACPI
specification. The “Fixed Feature” and “General Purpose”
registers are virtual. They are emulated by the SMI han-
dling code rather than existing in physical hardware. To
the ACPI compliant operating system, the SMI-base virtu-
alization is transparent; however, to eliminate unneces-
sary latencies, the ACPI timer exists in physical hardware.
The CS5530 V-ACPI (Virtual ACPI) solution provides the
following support:
• CPU States — C1, C2
• Sleep States — S1, S2, S4, S4BIOS, S5
• Embedded Controller (Optional) — SCI and SWI event
inputs.
• General Purpose Events — Fully programmable GPE0
Event Block registers.
1.5.1
GPIO Interface
Eight GPIO pins are provided for general usage in the
system. GPIO[3:0] are dedicated pins and can be config-
ured as inputs or outputs. GPIO[7:4] can be configured as
the upper addresses of the ISA bus, SA[23:20]. All GPIOs
can also be configured to generate an SMI on input edge
transitions.
1.6
XPRESSAUDIO
XpressAUDIO in the CS5530 offers a combined hard-
ware/software support solution to meet industry standard
audio requirements. XpressAUDIO uses VSA technology
along with additional hardware features to provide the
necessary support for industry standard 16-bit stereo syn-
thesis and OPL3 emulation.
The hardware portion of the XpressAUDIO subsystem
can broadly be divided into two categories. Hardware for:
• Transporting streaming audio data to/from the system
memory andanAC97codec.
• VSA technology support.
1.6.1
AC97 Codec Interface
The CS5530 provides an AC97 Specification Revision
1.3, 2.0, and 2.1 compatible interface. Any AC97 codec
which supports an independent input and output sample
rate conversion interface (e.g., National Semiconductor
LM4548) can be used with the CS5530. This type of
codec will allow for a design which meets the require-
ments for PC97 and PC98-compliant audio as defined by
Microsoft Corporation. Figure 1-2 shows the codec and
CS5530 signal connections. For specifics on the serial
interface, refer to the appropriate codec manufacturer’s
data sheet.
Low latency audio I/O is accomplished by a buffered PCI
bus mastering controller.
Figure 1-2. AC97 Codec Signal Connections
1.6.2
VSA Technology Support Hardware
The CS5530 I/O companion incorporates the required
hardware in order to support VSA technology for the cap-
ture and playback of audio using an external codec. This
eliminates much of the hardware traditionally associated
with industry standard audio functions.
XpressAUDIO software provides 16-bit compatible sound.
This software is available to OEMs for incorporation into
the system BIOS ROM.
BITCLK
PC_BEEP
SDAT_I
SDAT_O
PC_BEEP
SDATA_IN
SDATA_OUT
AC97
Geode™
BIT_CLK
24.576 MHz
SYNC
SYNC
Codec
External Source
CS5530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com