Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 14Page - National Semiconductor (TI) CS5530 Datasheet HTML 15Page - National Semiconductor (TI) CS5530 Datasheet HTML 16Page - National Semiconductor (TI) CS5530 Datasheet HTML 17Page - National Semiconductor (TI) CS5530 Datasheet HTML 18Page - National Semiconductor (TI) CS5530 Datasheet HTML 19Page - National Semiconductor (TI) CS5530 Datasheet HTML 20Page - National Semiconductor (TI) CS5530 Datasheet HTML 21Page - National Semiconductor (TI) CS5530 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 241 page
background image
www.national.com
18
Revision 4.1
Signal Definitions (Continued)
Table 2-3. 352 TBGA Pin Assignments - Sorted Alphabetically by Signal Name
Signal Name
Pin Type
(Note 1)
Buffer
Type
(Note 2)
Pin
No.
Limited ISA
Mode
ISA Master
Mode
AD0
I/O, t/s, 5VT
PCI
A15
AD1
I/O, t/s, 5VT
PCI
D14
AD2
I/O, t/s, 5VT
PCI
C16
AD3
I/O, t/s, 5VT
PCI
B15
AD4
I/O, t/s, 5VT
PCI
C17
AD5
I/O, t/s, 5VT
PCI
B16
AD6
I/O, t/s, 5VT
PCI
B17
AD7
I/O, t/s, 5VT
PCI
A16
AD8
I/O, t/s, 5VT
PCI
D18
AD9
I/O, t/s, 5VT
PCI
A17
AD10
I/O, t/s, 5VT
PCI
A19
AD11
I/O, t/s, 5VT
PCI
B19
AD12
I/O, t/s, 5VT
PCI
A18
AD13
I/O, t/s, 5VT
PCI
C20
AD14
I/O, t/s, 5VT
PCI
B20
AD15
I/O, t/s, 5VT
PCI
A20
AD16
I/O, t/s, 5VT
PCI
A26
AD17
I/O, t/s, 5VT
PCI
A25
AD18
I/O, t/s, 5VT
PCI
B25
AD19
I/O, t/s, 5VT
PCI
B26
AD20
I/O, t/s, 5VT
PCI
E24
AD21
I/O, t/s, 5VT
PCI
C25
AD22
I/O, t/s, 5VT
PCI
C26
AD23
I/O, t/s, 5VT
PCI
E25
AD24
I/O, t/s, 5VT
PCI
F25
AD25
I/O, t/s, 5VT
PCI
G24
AD26
I/O, t/s, 5VT
PCI
D25
AD27
I/O, t/s, 5VT
PCI
F26
AD28
I/O, t/s, 5VT
PCI
G25
AD29
I/O, t/s, 5VT
PCI
G26
AD30
I/O, t/s, 5VT
PCI
J24
AD31
I/O, t/s, 5VT
PCI
H25
AEN
O
8 mA
AE8
AVDD1 (DAC)
I, Analog
--
U1
AVDD2 (VREF)
I, Analog
--
T3
AVDD3 (DAC)
I, Analog
--
N4
AVSS1 (DAC)
I, Analog
--
R2
AVSS2 (ICAP)
I, Analog
--
R4
AVSS3 (VREF)
I, Analog
--
T4
AVSS4 (ICAP)
I, Analog
--
P1
AVSS5 (DAC)
I, Analog
--
P2
BALE
O8 mA
AF9
BIT_CLK
I, 5VT
IBUF
V2
C/BE0#
I/O, t/s, 5VT
PCI
B18
C/BE1#
I/O, t/s, 5VT
PCI
B21
C/BE2#
I/O, t/s, 5VT
PCI
A24
C/BE3#
I/O, t/s, 5VT
PCI
D26
CLK_14MHZ
Ismt
P24
CLK_32K
I/O, 5VT
4 mA
AE3
CPU_RST
O8 mA
K25
DACK0#
O8 mA
AD8
DACK1#
O8 mA
AC8
DACK2#
O8 mA
AF8
DACK3#
O8 mA
AF7
DACK5#
O
8 mA
AE7
DACK6#
O8 mA
AD7
DACK7#
O8 mA
AC7
DCLK
O8 mA
A10
DDC_SCL
O
8 mA
M2
DDC_SDA
I/O, 5VT
8 mA
M4
DEVSEL#
I/O, t/s, 5VT
PCI
A23
D–_PORT1
I/O
USB
Y1
D+_PORT1
I/O
USB
Y2
D–_PORT2
I/O
USB
AA1
D+_PORT2
I/O
USB
AA2
DRQ0
I, 5VT
IBUF
AE18
DRQ1
I, 5VT
IBUF
AD12
DRQ2
I, 5VT
IBUF
AE10
DRQ3
I, 5VT
IBUF
AD13
DRQ5
I, 5VT
IBUF
AD18
DRQ6
I, 5VT
IBUF
AE20
DRQ7
I, 5VT
IBUF
AF22
ENA_DISP
IIBUF
B1
EXTVREFIN
I, Analog
--
T2
FP_CLK
No Function
O
8 mA
M1
FP_CLK_EVEN
No Function
O8 mA
L3
FP_DATA0
SA0
I/O
8 mA
K3
FP_DATA1
SA1
I/O
8 mA
J2
FP_DATA2
SA2
I/O
8 mA
J3
FP_DATA3
SA3
I/O
8 mA
J1
FP_DATA4
SA4
I/O
8 mA
H1
FP_DATA5
SA5
I/O
8 mA
G2
FP_DATA6
SA6
I/O
8 mA
G4
FP_DATA7
SA7
I/O
8 mA
G3
FP_DATA8
SA8
I/O
8 mA
G1
FP_DATA9
SA9
I/O
8 mA
F1
FP_DATA10
SA10
I/O
8 mA
E2
FP_DATA11
SA11
I/O
8 mA
D1
FP_DATA12
SA12
I/O
8 mA
L1
FP_DATA13
SA13
I/O
8 mA
K2
FP_DATA14
SA14
I/O
8 mA
K1
FP_DATA15
SA15
I/O
8 mA
H2
FP_DATA16
SA_OE#
O8 mA
H3
FP_DATA17
MASTER#
I/O
8 mA
F3
FP_DISP_ENA_OUT
No Function
O8 mA
F2
FP_ENA_BKL
No Function
O8 mA
J4
FP_ENA_VDD
No Function
O8 mA
L2
FP_HSYNC
No Function
IIBUF
C2
FP_HSYNC_OUT
SMEMW#
O8 mA
E1
FP_VSYNC
No Function
IIBUF
C1
FP_VSYNC_OUT
SMEMR#
O8 mA
E3
FRAME#
I/O, t/s, 5VT
PCI
C23
Signal Name
Pin Type
(Note 1)
Buffer
Type
(Note 2)
Pin
No.
Limited ISA
Mode
ISA Master
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com