Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 10Page - National Semiconductor (TI) CS5530 Datasheet HTML 11Page - National Semiconductor (TI) CS5530 Datasheet HTML 12Page - National Semiconductor (TI) CS5530 Datasheet HTML 13Page - National Semiconductor (TI) CS5530 Datasheet HTML 14Page - National Semiconductor (TI) CS5530 Datasheet HTML 15Page - National Semiconductor (TI) CS5530 Datasheet HTML 16Page - National Semiconductor (TI) CS5530 Datasheet HTML 17Page - National Semiconductor (TI) CS5530 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 241 page
background image
www.national.com
14
Revision 4.1
Signal Definitions (Continued)
Figure 2-2. TBGA Pin Assignment Diagram
Order Number: 25420-03
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
Index Corner
PIX0
PIX1
PIX2
PIX7
PIX10
VCLK
PIX12
PIX16
PIX19
DCLK
VDAT0 VDAT5
PCLK
INTA#
AD0
AD7
AD9
AD12
AD10
AD15
PAR
SERR# DVSL# C/BE2#
AD17
AD16
ENADISP TVCLK
PIX4
PIX5
VSYNC
PIX8
VDVAL
PIX15
PIX18 VDRDY PIX22
VDAT6 VDAT2
INTD#
AD3
AD5
AD6
C/BE0#
AD11
AD14
C/BE1# PERR# TRDY# IRDY#
AD18
AD19
FPVSY FPHSY
VDD
PIX3
PIX11
HSYN
PIX14
PIX17
PIX21
PIX23
VDAT3 VDAT7 VDAT1 PRST# INTC#
AD2
AD4
VSS
VDD
AD13
VSS
LOCK# FRAM#
VDD
AD21
AD22
FPD11
NC
TEST
VSS
PIX6
PIX9
PIX13
VSS
PIX20
VDD
VDAT4
VSS
VSS
AD1
INTB#
VSS
VDD
AD8
VSS
VSS
VDD
VSS
VSS
GNT#
AD26
C/BE3#
FPHSYO FPD10 FPVSYO
VSS
VSS
AD20
AD23
STOP#
FPD9 DISENO FPD17
VDD
VSS
VDD
AD24
AD27
FPD8
FPD5
FPD7
FPD6
VSS
AD25
AD28
AD29
FPD4
FPD15 FPD16
VSS
VSS
VDD
AD31
HDRQ#
FPD3
FPD1
FPD2
ENBKL
VSS
AD30
REQ# PCICLK
FPD14
FPD13
FPD0
VSS
VSS
POR# CPURST SUSP#
FPD12 ENVDD CKEVEN VDD
VDD
SUSP3V SUSPA# PSERL
FPCLK DDCSCL VSS DDCSDA
PLDVD
VSS
PLVAA
PLRO
HSYNO VSYNO
VSS
AVDD3
PLP
PLAGS PLAGD PLDGN
AVSS4
AVSS5 IOUTR IOUTG
VSS
14MHZ
SMI#
INTR
IOUTB
AVSS1
IREF
AVSS2
IRQ13 DIOW0# DIOR1# DIOR0#
VREF
XVREFI AVDD2 AVSS3
VDD DDCK1# DIOW1# DDCK0#
AVDD1
VDD
SYNC
SDATI
IDED7
IDED6
IDEA0
IDEA1
SDATO BITCLK PCBEEP PWREN
VSS
IDED8 IDED10 DCS0#
USBCLK
NC OVRCUR# VSS
VSS
IDEA2
DRST# IDED5
D–PT1 D+PT1
NC
VSS
VDD
IDED11 IDED9 DCS1#
D–PT2 D+PT2
NC
VSS
VSS
IDED1 IDED12 IDED4
NC
NC
NC
VDD
IDED15 IDED2 IDED13 IDED3
NC
NC
NC
VSS
VSS
SA3
DCK7# DCK1#
VSS
VDD
IOW#
VSS
VSS
IRQ3 MCS16#
VSS
IRQ14
VSS
VDD
SA10
GPIO5 GPIO0
VSS
DREQ1 IDED14 IDED0
NC
NC
NC
SMEMR# SA5
ISACLK DCK6# DCK0#
SA2
SA19
SA16
DRQ1
DRQ3
IRQ7
SLTCH
VDD
IRQ15
DRQ5
SA9
VSS
GPTCS# GPIO4
VDD
SA14 IORDY0 DREQ0
NC
NC
32K
KRMCS# IRQ9
SA1
DCK5#
AEN
SA0
DRQ2
SA18
IOR#
IRQ5
IRQ8#
IRQ4
IRQ10 SBHE#
DRQ0 MEMR# DRQ6
SA12
SA13
GPIO6 GPIO1
SA15 IORDY1
NC
NC
SMEMW# SA7
SA6
SA4
DCK3# DCK2# BALE
0WS# CHRDY
SA17
IRQ1
IRQ6
TC
CS16#
IRQ12
IRQ11
SA8
MEMW# SA11
DRQ7
GPIO7 GPIO3 GPIO2 GPCS#
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
Geode™ CS5530
I/O Companion
Top View
Note: Signal names have been abbreviated in this figure due to space constraints.
= GND terminal
= PWR terminal
= Multiplexed signal
= Changes function in ISA Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com