Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CS5530 Datasheet HTML 1Page - National Semiconductor (TI) CS5530 Datasheet HTML 2Page - National Semiconductor (TI) CS5530 Datasheet HTML 3Page - National Semiconductor (TI) CS5530 Datasheet HTML 4Page - National Semiconductor (TI) CS5530 Datasheet HTML 5Page - National Semiconductor (TI) CS5530 Datasheet HTML 6Page - National Semiconductor (TI) CS5530 Datasheet HTML 7Page - National Semiconductor (TI) CS5530 Datasheet HTML 8Page - National Semiconductor (TI) CS5530 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 241 page
background image
© 2000 National Semiconductor Corporation
www.national.com
April 2000
Geode™ CS5530 I/O Companion
Multi-Function South Bridge
General Description
The CS5530 I/O companion is designed to work in con-
junction with the GXLV and GXm series processors; all
members of the National Semiconductor® Geode™ family
of products. Together the Geode processor and CS5530
provide a system-level solution well suited for the high
performance needs of a host of devices such as digital
set-top boxes and thin client devices. Due to the low
power consumption of a GXLV processor, this solution
satisfies the needs of battery powered devices such as
National’s WebPAD™ system, a Geode GXLV proces-
sor/CS5530 based design. Also, thermal design is eased
allowing for fanless system design.
The CS5530 I/O companion is a PCI-to-ISA bridge (South
Bridge), ACPI-compliant chipset that provides AT/ISA
style functionality. To those familiar with PC architecture
this enables a quicker understanding of the CS5530’s
architecture. The device contains state-of-the-art power
management that enables systems, especially battery
powered systems, to significantly reduce power consump-
tion.
Audio is supported through PCI bus master engines which
connect to an AC97 compatible codec such as the
National Semiconductor LM4548. If industry standard
audio is required, a combination of hardware and software
called Virtual System Architecture® (VSA™) technology is
provided.
The GXLV processor’s graphics/video output is connected
to the CS5530. The CS5530 graphics/video support
includes a PLL that generates the DOT clock for the GXLV
processor (where the graphics controller is located), video
acceleration hardware, gamma RAM plus three DACs for
RGB output to CRT, and digital RGB that can be directly
connected to TFT panels or NTSC/PAL encoders. The
digital RGB output can also be connected to the National
Semiconductor CS9210 Graphics Companion (a DSTN
Controller) for DSTN panel support. The CS9210 is also a
member of the Geode product family.
Geode™ CS5530 Internal Block Diagram
X-Bus
ISA Bus
PCI Bus
USB
PCI to X-Bus / X-Bus to PCI Bridge
PCI to USB Macro
Active Decode
Address Mapper
Audio/Codec/MPU
Interface
Pwr Mgmt, Traps,
Events, and Timers
IDE
Interface
Display Interface
MPEG, DOT Clock
CSC and SCL
RGB/FP Interface
AT Compatibility Logic
ISA Bus Interface
AT Ports, ISA Megacells
Display
PCI Configuration
Registers
Graphics
and Video
from CPU
X-Bus Arbiter
CS5530 Support
GPIOs
IDE
AC97 Codec
Ultra DMA/33
(e.g., LM4548)
Joystick / Game Port
Joystick
PC97317 SIO
GPCS
Geode™ CS9210
Graphics Companion
National Semiconductor and Virtual System Architecture are registered trademarks of National Semiconductor Corporation.
Geode, VSA, and WebPAD are trademarks of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - CS5530

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-ISZ CIRRUS-CS5530-ISZ Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
More results

Similar Description - CS5530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
Geode??CS9210 Graphics Companion DSTN Controller
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
CS5530 Geode??Clock Source
Revision 101700
logo
National Semiconductor ...
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
National Semiconductor ...
CS5535 NSC-CS5535 Datasheet
3Mb / 555P
Geode??CS5535 I/O Companion Multi-Function South Bridge
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
MULTI-FUNCTION I/O DRIVER
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
Intel짰 GW80314 I/O Companion Chip
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
PCI Express-compliant Multi-function Analog I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com