Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 29Page - National Semiconductor (TI) CS5530 Datasheet HTML 30Page - National Semiconductor (TI) CS5530 Datasheet HTML 31Page - National Semiconductor (TI) CS5530 Datasheet HTML 32Page - National Semiconductor (TI) CS5530 Datasheet HTML 33Page - National Semiconductor (TI) CS5530 Datasheet HTML 34Page - National Semiconductor (TI) CS5530 Datasheet HTML 35Page - National Semiconductor (TI) CS5530 Datasheet HTML 36Page - National Semiconductor (TI) CS5530 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 241 page
background image
Revision 4.1
33
www.national.com
Signal Definitions (Continued)
GPIO1/
SDATA_IN2
AE24
I/O
5VT
General Purpose I/O 1 or Serial Data Input 2
This pin can function either as a general purpose I/O or as a second serial
data input pin if two codecs are used in the system.
In order for this pin to function as SDATA_IN2, it must first be configured
as an input (F0 Index 90h[1] = 0). Then setting F3BAR+Memory Offset
08h[21] = 1 selects the pin to function as SDATA_IN2.
Refer to GPIO[3:2] signal description for GPIO function description.
GPIO0
AC22
I/O
5VT
General Purpose I/O 0
Refer to GPIO[3:2] signal description for GPIO function description.
2.2.9
Game Port and General Purpose I/O Interface (Continued)
Signal Name
Pin
No.
Type
Description
2.2.10 Audio Interface
Signal Name
Pin
No.
Type
Description
BIT_CLK
V2
I
5VT
Audio Bit Clock
The serial bit clock from the codec.
SDATA_OUT
V1
O
Serial Data I/O
This output transmits audio serial data to the codec.
SDATA_IN
U4
I
5VT
Serial Data Input
This input receives serial data from the codec.
SYNC
U3
O
Serial Bus Synchronization
This bit is asserted to synchronize the transfer of data between the
CS5530 and the AC97 codec
PC_BEEP
V3
O
PC Beep
Legacy PC/AT speaker output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com