Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 19Page - National Semiconductor (TI) CS5530 Datasheet HTML 20Page - National Semiconductor (TI) CS5530 Datasheet HTML 21Page - National Semiconductor (TI) CS5530 Datasheet HTML 22Page - National Semiconductor (TI) CS5530 Datasheet HTML 23Page - National Semiconductor (TI) CS5530 Datasheet HTML 24Page - National Semiconductor (TI) CS5530 Datasheet HTML 25Page - National Semiconductor (TI) CS5530 Datasheet HTML 26Page - National Semiconductor (TI) CS5530 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 241 page
background image
Revision 4.1
23
www.national.com
Signal Definitions (Continued)
2.2.3
CPU Interface
Signal Name
Pin
No.
Type
Description
INTR
P26
Strap
Option
Pin
O
CPU Interrupt Request
INTR is the level output from the integrated 8259 PICs and is asserted if
an unmasked interrupt request (IRQn) is sampled active.
I
StrapOptionSelect Pin
Pin P26 is a strap option select pin. It is used to select whether the
CS5530 operates in Limited ISA or ISA Master mode.
ISA Limited Mode—Strap pin P26 low through a 10-kohm resistor.
ISA Master Mode—Strap pin P26 high through a 10-kohm resistor.
SMI#
P25
I/O
System Management Interrupt
SMI# is a level-sensitive interrupt to the CPU that can be configured to
assert on a number of different system events. After an SMI# assertion,
System Management Mode (SMM) is entered, and program execution
begins at the base of SMM address space.
Once asserted, SMI# remains active until all SMI sources are cleared.
IRQ13
R23
I
5VT
IRQ13
IRQ13 is an input from the processor indicating that a floating point error
was detected and that INTR should be asserted.
PSERIAL
L26
I
Power Management Serial Interface
PSERIAL is the unidirectional serial data link between the GXLV proces-
sor and the CS5530. An 8-bit serial data packet carries status on power
management events within the CPU. Data is clocked synchronous to the
PCICLK input clock.
SUSP#
K26
O
CPU Suspend
SUSP# asserted requests that the processor enter Suspend mode and
assert SUSPA# after completion. The SUSP# pin is deasserted after
detecting any Speedup or Resume event. If the SUSP#/SUSPA# hand-
shake is configured as a system 3 Volt Suspend, the deassertion of
SUSP# is delayed to allow the system clock chip and the processor to sta-
bilize.
The SUSP#/SUSPA# handshake occurs as a result of a write to the Sus-
pend Notebook Command Register (F0 Index AFh), or an expiration of the
Suspend Modulation OFF Count Register (F0 Index 94h) when Suspend
Modulation is enabled. Suspend Modulation is enabled via F0 Index
96h[0].
SUSPA#
L25
I
CPU Suspend Acknowledge
SUSPA# is a level input from the processor. When asserted it indicates
the CPU is in Suspend mode as a result of SUSP# assertion or execution
of a HALT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com