Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 80Page - National Semiconductor (TI) CS5530 Datasheet HTML 81Page - National Semiconductor (TI) CS5530 Datasheet HTML 82Page - National Semiconductor (TI) CS5530 Datasheet HTML 83Page - National Semiconductor (TI) CS5530 Datasheet HTML 84Page - National Semiconductor (TI) CS5530 Datasheet HTML 85Page - National Semiconductor (TI) CS5530 Datasheet HTML 86Page - National Semiconductor (TI) CS5530 Datasheet HTML 87Page - National Semiconductor (TI) CS5530 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 241 page
background image
www.national.com
84
Revision 4.1
Functional Description (Continued)
3.5
PC/AT COMPATIBILITY LOGIC
The CS5530’s PC/AT compatibility logic provides support
for the standard PC architecture. This subsystem also
provides legacy support for existing hardware and soft-
ware. Support functions for the GXLV processor provided
by these subsystems include:
• ISA Subtractive Decode
• ISA Bus Interface
- Delayed PCI Transactions
- Limited ISA and ISA Master Modes
• ROM Interface
• Megacells
- Direct Memory Access (DMA)
- Programmable Interval Timer
- Programmable Interrupt Controller
- PCI Compatible Interrupts
- System Control I/O Port 092h and 061h
- Keyboard Interface Function
- External Real-Time Clock Interface
The following subsections give a detailed description for
each of these functions.
3.5.1
ISA Subtractive Decode
The CS5530 provides an ISA bus controller. The CS5530
is the default subtractive-decoding agent, and forwards all
unclaimed memory and I/O cycles to the ISA interface.
However, the CS5530 can be configured using F0 Index
04h[1:0] to ignore either I/O, memory, or all unclaimed
cycles (subtractive decode disabled, F0 Index 41h[2:1] =
1x (Table 3-35).
Table 3-35. Cycle Configuration Bits
Bit
Description
F0 Index 04h-05h
PCI Command Register (R/W)
Reset Value = 0000h
1
Memory Space: Allow the CS5530 to respond to memory cycles from the PCI bus:
0 = Disable; 1 = Enable (Default).
0
I/O Space: Allow the CS5530 to respond to I/O cycles from the PCI bus: 0 = Disable; 1 = Enable (Default).
F0 Index 41h
PCI Function Control Register 2 (R/W)
Reset Value = 10h
2:1
Subtractive Decode: These bits determine the point at which the CS5530 accepts cycles that are not claimed by another
device. The CS5530 defaults to taking subtractive decode cycles in the default cycle clock, but can be moved up to the
Slow Decode cycle point if all other PCI devices decode in the fast or medium clocks. Disabling subtractive decode must
be done with care, as all ISA and ROM cycles are decoded subtractively.
00 = Default sample (4th clock from FRAME# active)
01 = Slow sample (3rd clock from FRAME# active)
1x = No subtractive decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com