Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 9Page - National Semiconductor (TI) CS5530 Datasheet HTML 10Page - National Semiconductor (TI) CS5530 Datasheet HTML 11Page - National Semiconductor (TI) CS5530 Datasheet HTML 12Page - National Semiconductor (TI) CS5530 Datasheet HTML 13Page - National Semiconductor (TI) CS5530 Datasheet HTML 14Page - National Semiconductor (TI) CS5530 Datasheet HTML 15Page - National Semiconductor (TI) CS5530 Datasheet HTML 16Page - National Semiconductor (TI) CS5530 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 241 page
background image
Revision 4.1
13
www.national.com
Signal Definitions (Continued)
2.1
PIN ASSIGNMENTS
The tables in this section use several common abbrevia-
tions. Table 2-1 lists the mnemonics and their meanings.
Figure 2-2 shows the pin assignment for the CS5530 with
Tables 2-2 and 2-3 listing the pin assignments sorted by
terminal number and alphabetically by signal name,
respectively.
In Section 2.2 “Signal Descriptions” a description of each
signal within its associated functional group is provided.
In the signal definitions, references to F0-F4, F1BAR,
F2BAR, F3BAR, F4BAR, and PCIUSB are made. These
terms relate to designated register spaces. Refer to Table
4-1 "PCI Configuration Address Register (0CF8h)" on
page 138 for details regarding these register spaces and
their access mechanisms.
Table 2-1. Pin Type Definitions
Mnemonic
Definition
5VT
Buffer is 5V tolerant
I
Input pin
I/O
Bidirectional pin
IBUF
Input buffer
OOutput
OD
Open-drain output structure that
allows multiple devices to share the
pin in a wired-OR configuration
PU
Pull-up resistor
PD
Pull-down resistor
smt
Schmitt Trigger
t/s
Tri-state signal
VDD (PWR)
Power pin
VSS (GND)
Ground pin
#
The "#" symbol at the end of a signal
name indicates that the active, or
asserted state occurs when the signal
is at a low voltage level. When "#" is
not present after the signal name, the
signal is asserted when at a high volt-
age level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com