Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 33Page - National Semiconductor (TI) CS5530 Datasheet HTML 34Page - National Semiconductor (TI) CS5530 Datasheet HTML 35Page - National Semiconductor (TI) CS5530 Datasheet HTML 36Page - National Semiconductor (TI) CS5530 Datasheet HTML 37Page - National Semiconductor (TI) CS5530 Datasheet HTML 38Page - National Semiconductor (TI) CS5530 Datasheet HTML 39Page - National Semiconductor (TI) CS5530 Datasheet HTML 40Page - National Semiconductor (TI) CS5530 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 241 page
background image
Revision 4.1
37
www.national.com
Signal Definitions (Continued)
FP_VSYNC
C1
I
Limited ISA Mode: Flat Panel Vertical Sync Input
This is the vertical sync input reference from the processor’s display con-
troller. The timing of this signal is independent of the standard (CRT) verti-
cal sync input to allow a different timing relationship between the flat panel
andanattached CRT.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530 can not support TFT flat
panels or TV controllers.
FP_VSYNC_OUT
/SMEMR#
E3
O
Limited ISA Mode: Flat Panel Vertical Sync Output
This is the vertical sync for an attached active matrix TFT flat panel. This
represents a delayed version of the input flat panel vertical sync signal
with the appropriate pipeline delay relative to the pixel data.
ISA Master Mode: System Memory Read
Refer to Section 2.2.5 “ISA Bus Interface” on page 28 for this signal’s def-
inition.
FP_DISP_
ENA_OUT
F2
O
Flat Panel Display Enable Output
This is the display enable for an attached active matrix TFT flat panel. This
signal qualifies active pixel data on the flat panel interface.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530 can not support TFT flat
panels or TV controllers.
FP_ENA_VDD
L2
O
Flat Panel VDD Enable
This is the enable signal for the VDD supply to an attached flat panel. It is
under the control of power sequence control logic. A transition on bit 6 of
the Display Configuration Register (F4BAR+Memory Offset 04h) initiates
a power-up/down sequence.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530 can not support TFT flat
panels or TV controllers.
FP_ENA_BKL
J4
O
Flat Panel Backlight Enable Output
This is the enable signal for the backlight power supply to an attached flat
panel. It is under control of the power sequence control logic.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530 can not support TFT flat
panels or TV controllers.
Display MPEG
VID_DATA[7:0]
C12,
B12,
A12,
D11,
C11,
B13,
C13,
A11
I
Video Data Port
This is the input data for a video (MPEG) or graphics overlay in its native
form. For video overlay, this data is in an interleaved YUV 4:2:2 format.
For graphics overlay, the data is in RGB 5:6:5 format. This port operates
at the VID_CLK rate.
2.2.11 Display Interface (Continued)
Signal Name
Pin
No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com