Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 27Page - National Semiconductor (TI) CS5530 Datasheet HTML 28Page - National Semiconductor (TI) CS5530 Datasheet HTML 29Page - National Semiconductor (TI) CS5530 Datasheet HTML 30Page - National Semiconductor (TI) CS5530 Datasheet HTML 31Page - National Semiconductor (TI) CS5530 Datasheet HTML 32Page - National Semiconductor (TI) CS5530 Datasheet HTML 33Page - National Semiconductor (TI) CS5530 Datasheet HTML 34Page - National Semiconductor (TI) CS5530 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 241 page
background image
Revision 4.1
31
www.national.com
Signal Definitions (Continued)
2.2.7
IDE Interface
Signal Name
Pin
No.
Type
Description
IDE_RST#
W25
O
IDE Reset
This signal resets all the devices that are attached to the IDE interface.
IDE_ADDR[2:0]
W24,
U26,
U25
O
IDE Address Bits
These address bits are used to access a register or data port in a device
on the IDE bus.
IDE_DATA[15:0]
Refer
to
Table
2-3
I/O
5VT
IDE Data Lines
IDE_DATA[15:0] transfers data to/from the IDE devices.
IDE_IOR0#
R26
O
IDE I/O Read for Channels 0 and 1
IDE_IOR0# is the read signal for Channel 0, and IDE_IOR1# is the read
signal for Channel 1. Each signal is asserted on read accesses to the cor-
responding IDE port addresses.
When in Ultra DMA/33 mode, these signals are redefined:
Read Cycle — DMARDY0# and DMARDY1#
Write Cycle — STROBE0 and STROBE1
IDE_IOR1#
R25
O
IDE_IOW0#
R24
O
IDE I/O Write for Channels 0 and 1
IDE_IOW0# is the write signal for Channel 0, and IDE_IOW1# is the read
signal for Channel 1. Each signal is asserted on write accesses to corre-
sponding the IDE port addresses.
When in Ultra DMA/33 mode, these signals are redefined:
Read Cycle — STOP0 and STOP1
WriteCycle— STOP0and STOP1
IDE_IOW1#
T25
O
IDE_CS0#
V26
O
IDE Chip Selects
The chip select signals are used to select the command block registers in
an IDE device.
IDE_CS1#
Y26
O
IDE_IORDY0
AD25
I
5VT
I/O Ready Channels 0 and 1
When deasserted, these signals extend the transfer cycle of any host reg-
ister access when the device is not ready to respond to the data transfer
request.
When in Ultra DMA/33 mode, these signals are redefined:
Read Cycle — STROBE0 and STROBE1
WriteCycle— DMARDY0# andDMARDY1#
IDE_IORDY1
AE26
I
5VT
IDE_DREQ0
AD26
I
5VT
DMA Request Channels 0 and 1
The DREQ is used to request a DMA transfer from the CS5530. The
direction of the transfers are determined by the IDE_IOR/IOW signals.
IDE_DREQ1
AC24
I
5VT
IDE_DACK0#
T26
O
DMA Acknowledge Channels 0 and 1
The DACK# acknowledges the DREQ request to initiate DMA transfers.
IDE_DACK1#
T24
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com