Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 24Page - National Semiconductor (TI) CS5530 Datasheet HTML 25Page - National Semiconductor (TI) CS5530 Datasheet HTML 26Page - National Semiconductor (TI) CS5530 Datasheet HTML 27Page - National Semiconductor (TI) CS5530 Datasheet HTML 28Page - National Semiconductor (TI) CS5530 Datasheet HTML 29Page - National Semiconductor (TI) CS5530 Datasheet HTML 30Page - National Semiconductor (TI) CS5530 Datasheet HTML 31Page - National Semiconductor (TI) CS5530 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 241 page
background image
www.national.com
28
Revision 4.1
Signal Definitions (Continued)
SMEMW#/
FP_HSYNC_OUT
E1
O
Limited ISA Mode: Flat Panel Horizontal Sync Output
Refer to Section 2.2.11 “Display Interface” on page 34 for this signal’s def-
inition.
Note that if Limited ISA Mode of operation is selected, SMEMW# is avail-
able on pin AF3 (multiplexed with RTCCS#).
ISA Master Mode: System Memory Write
SMEMW# is asserted for any memory write accesses below 1 MB. It
enables 8-bit memory slaves to decode the memory address on SA[19:0].
SMEMR#/
FP_VSYNC_OUT
E3
O
Limited ISA Mode: Flat Panel Vertical Sync Output
Refer to Section 2.2.11 “Display Interface” on page 34 for this signal’s def-
inition.
Note that if Limited ISA Mode of operation is selected, SMEMR# is avail-
able on pin AD4 (multiplexed with RTCALE).
ISA Master Mode: System Memory Read
SMEMR# is asserted for memory read accesses below 1 MB. It enables
8-bit memory slaves to decode the memory address on SA[19:0].
SMEMW#/
RTCCS#
AF3
O
System Memory Write / Real-Time Clock Chip Select
If Limited ISA Mode of operation has been selected, then SMEMW# can
be output on this pin. SMEMW# is asserted for any memory write
accesses below 1 MB. It enables 8-bit memory slaves to decode the
memory address on SA[19:0].
RTCCS# is a chip select to an external real-time clock chip. This signal is
activated on reads or writes to I/O Port 071h
Function selection is made through F0 Index 53h[2]: 0 = SMEMW#,
1= RTCCS#.
SMEMR#/
RTCALE
AD4
O
System Memory Read / Real-Time Clock Address Latch Enable
If Limited ISA Mode of operation has been selected, then SMEMR# can
be output on this pin. SMEMR# is asserted for memory read accesses
below 1 MB. It enables 8-bit memory slaves to decode the memory
address on SA[19:0].
RTCALE is a signal telling an external real-time clock chip to latch the
address, which is on the SD bus.
Function selection is made through F0 Index 53h[2]: 0 = SMEMR#,
1= RTCALE.
SBHE#
AE17
I/O
PU
5VT
System Bus High Enable
The CS5530 or ISA master asserts SBHE# to indicate that SD[15:8] will
be used to transfer a byte at an odd address.
SBHE# is an output during non-ISA master DMA operations. It is driven
as the inversion of AD0 during 8-bit DMA cycles. It is forced low for all 16-
bit DMA cycles.
SBHE# is an input during ISA master operations.
This pin is internally connected to a 20-kohm pull-up resistor.
BALE
AF9
O
Buffered Address Latch Enable
BALE indicates when SA[23:0] and SBHE# are valid and may be latched.
For DMA transfers, BALE remains asserted until the transfer is complete.
2.2.5
ISA Bus Interface (Continued)
Signal Name
Pin
No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com