Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 32Page - National Semiconductor (TI) CS5530 Datasheet HTML 33Page - National Semiconductor (TI) CS5530 Datasheet HTML 34Page - National Semiconductor (TI) CS5530 Datasheet HTML 35Page - National Semiconductor (TI) CS5530 Datasheet HTML 36Page - National Semiconductor (TI) CS5530 Datasheet HTML 37Page - National Semiconductor (TI) CS5530 Datasheet HTML 38Page - National Semiconductor (TI) CS5530 Datasheet HTML 39Page - National Semiconductor (TI) CS5530 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 241 page
background image
www.national.com
36
Revision 4.1
Signal Definitions (Continued)
FP_DATA[15:0]/
SA[15:0]
Refer
to
Table
2-3
O
Limited ISA Mode: Flat Panel Data Port Lines 15 through 0
This is the data port to an attached active matrix TFT panel. This port may
optionally be tied to a DSTN formatter chip, LVDS transmitter, or digital
NTSC/PAL encoder.
F4BAR+Memory Offset 04h[7] enables the flat panel data bus:
0 = FP_DATA[17:0] is forced low
1 = FP_DATA[17:0] is driven based upon power sequence control
I/O
ISA Master Mode: System Address Bus Lines 15 through 0
These pins function as SA[15:0] and the pins designated as SA/SD[15:0]
function only as SD[15:0].
Note that SA[19:16] are dedicated address pins and GPIO[7:4] function
as SA[23:20] only.
FP_CLK
M1
O
Limited ISA Mode: Flat Panel Clock
This is the clock for the flat panel interface.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530 cannot support TFT flat
panels or TV controllers.
FP_CLK_EVEN
L3
O
Limited ISA Mode: Flat Panel Even Clock
This is an optional output clock for a set of external latches used to de-
multiplex the flat panel data bus into two channels (odd/even). Typically
this would beusedtointerface to apair of LVDS transmitters drivingan
XGA resolution flat panel.
F4BAR+Memory Offset 04h[12] enables the FP_CLK_EVEN output:
0 = Standard flat panel
1 = XGA flat panel
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530 can not support TFT flat
panels or TV controllers.
FP_HSYNC
C2
I
Limited ISA Mode: Flat Panel Horizontal Sync Input
This is the horizontal sync input reference from the processor’s display
controller. The timing of this signal is independent of the standard (CRT)
horizontal sync input to allow a different timing relationship between the
flat panel and an attached CRT.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530 can not support TFT flat
panels or TV controllers.
FP_HSYNC_OUT
/SMEMW#
E1
O
Limited ISA Mode: Flat Panel Horizontal Sync Output
This is the horizontal sync for an attached active matrix TFT flat panel.
This represents a delayed version of the input flat panel horizontal sync
signal with the appropriate pipeline delay relative to the pixel data.
ISA Master Mode: System Memory Write
Refer to Section 2.2.5 “ISA Bus Interface” on page 28 for this signal’s def-
inition.
2.2.11 Display Interface (Continued)
Signal Name
Pin
No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com