Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 55Page - National Semiconductor (TI) CS5530 Datasheet HTML 56Page - National Semiconductor (TI) CS5530 Datasheet HTML 57Page - National Semiconductor (TI) CS5530 Datasheet HTML 58Page - National Semiconductor (TI) CS5530 Datasheet HTML 59Page - National Semiconductor (TI) CS5530 Datasheet HTML 60Page - National Semiconductor (TI) CS5530 Datasheet HTML 61Page - National Semiconductor (TI) CS5530 Datasheet HTML 62Page - National Semiconductor (TI) CS5530 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 241 page
background image
Revision 4.1
59
www.national.com
Functional Description (Continued)
3.4.2.3
Save-To-Disk
Save-to-Disk is supported by the CS5530. In this state,
the power is typically removed from the CS5530, causing
the state of the legacy peripheral devices to be lost.
Shadow registers are provided for the devices which
allows their state to be saved prior to removing power.
This is necessary because the legacy AT peripheral
devices used several write only registers. In order to
restore the exact state of these devices on resume, the
write only register values are “shadowed” so that the val-
ues can be saved by the Power Management Software.
The PC/AT compatible floppy port is not part of the
CS5530. However, it is expected that one will be attached
on the ISA bus in a SuperI/O or by some other means.
Some of the FDC registers are shadowed because they
cannot be safely read. They are shown in Table 3-15.
Additional shadow registers for other functions are
described in:
• Table 3-39 "DMA Shadow Register" on page 93
• Table 3-41 "PIT Shadow Register" on page 95
• Table 3-44 "PIC Shadow Register" on page 97
• Table 3-52 "Real-Time Clock Registers" on page 104
Table 3-15. Power Management Shadow Registers
Bit
Description
F0 Index B4h
Floppy Port 3F2h Shadow Register (RO)
Reset Value = 00h
7:0
Floppy Port 3F2h Shadow (Read Only): Last written value of I/O Port 3F2h. Required for support of FDC power
ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
F0 Index B5h
Floppy Port 3F7h Shadow Register (RO)
Reset Value = 00h
7:0
Floppy Port 3F7h Shadow (Read Only): Last written value of I/O Port 3F7h. Required for support of FDC power
ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
F0 Index B6h
Floppy Port 1F2h Shadow Register (RO)
Reset Value = 00h
7:0
Floppy Port 1F2h Shadow (Read Only): Last written value of I/O Port 1F2h. Required for support of FDC power
ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
F0 Index B7h
Floppy Port 1F7h Shadow Register (RO)
Reset Value = 00h
7:0
Floppy Port 1F7h Shadow (Read Only): Last written value of I/O Port 1F7h. Required for support of FDC power
ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com