Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 92Page - National Semiconductor (TI) CS5530 Datasheet HTML 93Page - National Semiconductor (TI) CS5530 Datasheet HTML 94Page - National Semiconductor (TI) CS5530 Datasheet HTML 95Page - National Semiconductor (TI) CS5530 Datasheet HTML 96Page - National Semiconductor (TI) CS5530 Datasheet HTML 97Page - National Semiconductor (TI) CS5530 Datasheet HTML 98Page - National Semiconductor (TI) CS5530 Datasheet HTML 99Page - National Semiconductor (TI) CS5530 Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 241 page
background image
www.national.com
96
Revision 4.1
Functional Description (Continued)
Since the two controllers are cascaded and three of the
interrupt request inputs are connected to the internal 8254
PIT, the coprocessor interface, and the real-time clock
interface, a total of 13 external interrupt requests are
available. See Table 3-42.
The CS5530 allows the PCI interrupt signals INTA#-
INTD#(also knowninindustryterms as PIRQx#) tobe
routed internally to any IRQ signal. The routing can be
modified through CS5530’s configuration registers. If this
is done, the IRQ input must be configured to be level-
rather than edge-sensitive. IRQ inputs may be individually
programmed to be active low, level-sensitive with the
Interrupt Sensitivity configuration registers at I/O address
space 4D0h and 4D1h. PCI interrupt configuration is dis-
cussed in further detail in Section 3.5.4.4 “PCI Compatible
Interrupts” on page 98.
PIC Interrupt Sequence
A typical AT-compatible interrupt sequence is as follows.
Any unmasked interrupt generates the INTR signal to the
CPU. The interrupt controller then responds to the inter-
rupt acknowledge (INTA) cycles from the CPU. On the first
INTA cycle the cascading priority is resolved to determine
which of the two 8259 controllers output the interrupt vec-
tor onto the data bus. On the second INTA cycle the
appropriate 8259 controller drives the data bus with the
correct interrupt vector for the highest priority interrupt.
By default, the CS5530 responds to PCI INTA cycles
because the system interrupt controller is located within
the CS5530. This may be disabled with F0 Index 40h[7]
(see Table 3-43). When the CS5530 responds to a PCI
INTA cycle, it holds the PCI bus and internally generate
the two INTA cycles to obtain the correct interrupt vector.
It then asserts TRDY# and returns the interrupt vector.
PIC I/O Registers
Each PIC contains registers located in the standard I/O
address locations, as shown in Table 4-28 "Programmable
Interrupt Controller Registers" on page 213.
An initialization sequence must be followed to program
the interrupt controllers. The sequence is started by writ-
ing Initialization Command Word 1 (ICW1). After ICW1
has been written, the controller expects the next writes to
follow in the sequence ICW2, ICW3, and ICW4 if it is
needed. The Operation Control Words (OCW) can be
written after initialization. The PIC must be programmed
before operation begins.
Since the controllers are operating in cascade mode,
ICW3 of the master controller should be programmed with
a value indicating that IRQ2 input of the master interrupt
controller is connected to the slave interrupt controller
rather than an I/O device as part of the system initializa-
tion code. In addition, ICW3 of the slave interrupt control-
ler should be programmed with the value 02h (slave ID)
and corresponds to the input on the master controller.
Table 3-42. PIC Interrupt Mapping
Master IRQ#
Mapping
IRQ0
Connected to the OUT0 (system timer) of
the internal 8254 PIT.
IRQ2
Connected to the slave’s INTR for a cas-
caded configuration.
IRQ8#
Connected to external real-time clock.
IRQ13
Connected to the coprocessor interface.
IRQ[15:14, 12:9,
7:3, 1]
External interrupts.
Table 3-43. PCI INTA Cycle Disable/Enable Bit
Bit
Description
F0 Index 40h
PCI Function Control Register 1 (R/W)
Reset Value = 89h
7
PCI Interrupt Acknowledge Cycle Response: The CS5530 responds to PCI interrupt acknowledge cycles:
0 = Disable; 1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com