Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 84Page - National Semiconductor (TI) CS5530 Datasheet HTML 85Page - National Semiconductor (TI) CS5530 Datasheet HTML 86Page - National Semiconductor (TI) CS5530 Datasheet HTML 87Page - National Semiconductor (TI) CS5530 Datasheet HTML 88Page - National Semiconductor (TI) CS5530 Datasheet HTML 89Page - National Semiconductor (TI) CS5530 Datasheet HTML 90Page - National Semiconductor (TI) CS5530 Datasheet HTML 91Page - National Semiconductor (TI) CS5530 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 241 page
background image
www.national.com
88
Revision 4.1
Functional Description (Continued)
Figure 3-10. Limited ISA Mode
Figure 3-11. ISA Master Mode
Notes:
1. F0 Index 43h[2] controls GPIO[7:4]/SA[23:20].
2. These signals are: MEMW#, MEMR#, IOR#, IOW#, TC, AEN, DREQ[7:5, 3:0], DACK[7:5, 3:0]#, MEMCS16#, ZEROWS#,
SBHE#, IOCS16#, IOCHRDY, ISACLK.
3. This resistor is used at boot time to determine the mode of the ISA bus.
Q
D
ISA Control2
SD[15:0]
SA[23:20]
SA[19:16]
SA[15:0]
1GPIO[7:4]/SA[23:20]
SA[19:16]
SA[15:0]/SD[15:0]
SA_LATCH/SA_DIR
10K3
74F373x2
G
OC
ISA Device
Geode™
INTR
CS5530
B
A
ISA Control2
SMEMW#
MASTER#
SA[23:20]
SA[19:16]
FP_VSYNC_OUT/SMEMR#
1GPIO[7:4]/SA[23:20]
SA[19:16]
FP_DATA16/SA_OE#
SA_DIR
10K3
74L245x2
OE#
T/R
ISA Master
SMEMR#
FP_HSYNC_OUT/SMEMW#
FP_DATA17/MASTER#
FP_DATA[15:0]/SA[15:0]
SA[15:0]
SA_LATCH/SA_DIR
SA_OE#
SA[15:0]_SD[15:0]/SD[15:0]
SD[15:0]
Geode™
Notes:
1. When strapped for ISA Master mode, GPIO[7:4]/SA[23:20] are set to SA[23:20] and the settings in F0 Index 43h[2] are invalid.
2. These signals are: MEMW#, MEMR#, IOR#, IOW#, TC, AEN, DREQ[7:5, 3:0], DACK[7:5, 3:0]#, MEMCS16#, ZEROWS#,
SBHE#, IOCS16#, IOCHRDY, ISACLK.
3. This resistor is used at boot time to determine the mode of the ISA bus.
INTR
5.0V
3.3V
330
Ω
CS5530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com