Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 41Page - National Semiconductor (TI) CS5530 Datasheet HTML 42Page - National Semiconductor (TI) CS5530 Datasheet HTML 43Page - National Semiconductor (TI) CS5530 Datasheet HTML 44Page - National Semiconductor (TI) CS5530 Datasheet HTML 45Page - National Semiconductor (TI) CS5530 Datasheet HTML 46Page - National Semiconductor (TI) CS5530 Datasheet HTML 47Page - National Semiconductor (TI) CS5530 Datasheet HTML 48Page - National Semiconductor (TI) CS5530 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 241 page
background image
Revision 4.1
45
www.national.com
Functional Description (Continued)
3.2
PCI BUS INTERFACE
The PCI bus interface is compliant with the PCI Bus Spec-
ification Rev. 2.1.
The CS5530 acts as a PCI target for PCI cycles initiated
by the processor or other PCI master devices, or as an ini-
tiator for DMA, ISA, IDE, and audio master transfer cycles.
It supports positive decode for memory and I/O regions
and is the subtractive decode agent on the PCI bus. The
CS5530 also generates address and data parity and per-
forms parity checking. A PCI bus arbiter is not part of the
CS5530; however, one is included in the GXLV processor.
The PCI Command Register, located at F0 Index 04h
(Table 3-2), provides the basic control over the CS5530’s
ability to respond and perform PCI bus accesses.
3.2.1
PCI Initiator
The CS5530 acts as a PCI bus master on behalf of the
DMA controller or ISA, IDE, and audio interfaces. The
REQ# and GNT# signals are used to arbitrate for the PCI
bus.
Note:
In a GXLV processor-based system, the
REQ#/GNT# signals of the CS5530 should con-
nect to the REQ0#/GNT0# of the processor. This
configuration ensures that the CS5530 is treated
as a non-preemptable PCI master by the proces-
sor.
TheCS5530asserts REQ# in response toabus master-
ing or DMA request for ownership of the PCI bus. GNT# is
asserted by the PCI arbiter (i.e., processor) to indicate
that access to the PCI bus has been granted to the
CS5530. The CS5530 then issues a grant to the DMA
controller. This mechanism prevents any deadlock situa-
tions across the bridge. Once granted the PCI bus, the
ISA master or DMA transfer commences.
If an ISA master executes an I/O access, that cycle
remains on the ISA bus and is not forwarded to the PCI
bus. The CS5530 performs only single transfers on the
PCI bus for legacy DMA cycles.
Table 3-2. PCI Command Register
Bit
Description
F0 Index 04h-05h
PCI Command Register (R/W)
Reset Value = 0000h
15:10
Reserved: Set to 0.
9
Fast Back-to-Back Enable (Read Only): This function is not supported when the CS5530 is a master. It is always dis-
abled (always reads 0).
8
SERR#: Allow SERR# assertion on detection of special errors: 0 = Disable (Default);1 =Enable.
7
Wait Cycle Control (Read Only): This function is not supported in the CS5530. It is always disabled
(always reads 0).
6
Parity Error: Allow the CS5530 to check for parity errors on PCI cycles for which it is a target, and to assert PERR# when
a parity error is detected: 0 = Disable (Default); 1 = Enable.
5
VGA Palette Snoop Enable (Read Only): This function is not supported in the CS5530. It is always disabled (always
reads 0).
4
Memory Write and Invalidate: Allow the CS5530 to do memory write and invalidate cycles, if the PCI Cache Line Regis-
ter (F0 Index 0Ch) is set to 16 bytes (04h). 0 = Disable (Default); 1 = Enable.
3
Special Cycles: Allow the CS5530 to respond to special cycles: 0 = Disable; 1 = Enable (Default).
This bit must be enabled to allow the CPU Warm Reset internal signal to be triggered from a CPU Shutdown cycle.
2
Bus Master: Allow the CS5530 bus mastering capabilities: 0 = Disable; 1 = Enable (Default).
This bit must be set to 1.
1
Memory Space: Allow the CS5530 to respond to memory cycles from the PCI bus:
0 = Disable; 1 = Enable (Default).
0
I/O Space: Allow the CS5530 to respond to I/O cycles from the PCI bus: 0 = Disable; 1 = Enable (Default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com