Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 52Page - National Semiconductor (TI) CS5530 Datasheet HTML 53Page - National Semiconductor (TI) CS5530 Datasheet HTML 54Page - National Semiconductor (TI) CS5530 Datasheet HTML 55Page - National Semiconductor (TI) CS5530 Datasheet HTML 56Page - National Semiconductor (TI) CS5530 Datasheet HTML 57Page - National Semiconductor (TI) CS5530 Datasheet HTML 58Page - National Semiconductor (TI) CS5530 Datasheet HTML 59Page - National Semiconductor (TI) CS5530 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 241 page
background image
www.national.com
56
Revision 4.1
Functional Description (Continued)
Configuring Suspend Modulation
Control of the Suspend Modulation feature is accom-
plished using the Suspend Modulation OFF Count Regis-
ter, the Suspend Modulation ON Count Register, and the
Suspend Configuration Register (F0 Index 94h, 95h, and
96h, respectively).
The Power Management Enable Register 1 (F0 Index
80h) contains the global power management enable bit
(bit 0), as well as the enables for the individual activity
speedup timers. The global power management bit must
be enabled for Suspend Modulation and all other power
management resources to function.
Bit 0 of the Suspend Configuration Register (F0 Index
96h) enables the Suspend Modulation feature. Bit 1 con-
trols how SMI events affect the Suspend Modulation fea-
ture. In general this bit should be set to a 1, which causes
SMIs to disable Suspend Modulation until it is re-enabled
by the SMI handler.
The Suspend Modulation OFF and ON Count Registers
(F0 Index 94h and 95h) control two 8-bit counters that rep-
resent the number of 32 µs intervals that the SUSP# pin is
asserted and then deasserted to the processor. These
counters define a ratio which is the effective frequency of
operation of the system while Suspend Modulation is
enabled.
The IRQ and Video Speedup Timer Count registers (F0
Index 8Ch and 8Dh) configure the amount of time which
Suspend Modulation is disabled when the respective
events occur.
SMI Speedup Disable
If the Suspend Modulation feature is being used for CPU
power management, the occurrence of an SMI disables
the Suspend Modulation function so that the system oper-
ates at full speed while in SMM. There are two methods
used to invoke this via bit 1 of the Suspend Configuration
Register.
1)
If F0 Index 96h[1] = 0: Use the IRQ Speedup Timer
(F0 Index 8Ch) to temporarily disable Suspend
Modulation when an SMI occurs.
2)
If F0 Index 96h[1] = 1: Disable Suspend Modulation
when an SMI occurs until a read to the SMI Speedup
Disable Register (F1BAR+Memory Offset 08h).
The SMI Speedup Disable Register prevents VSA tech-
nology software from entering Suspend Modulation while
operating in SMM. The data read from this register can be
ignored. If the Suspend Modulation feature is disabled,
reading this I/O location has no effect.
Table 3-13 shows the bit formats of the Suspend Modula-
tion related registers.
Feff =FGX86 x
On Count
On Count + Off Count
Table 3-13. Suspend Modulation Related Registers
Bit
Description
F1BAR+Memory Offset 08h-09h
SMI Speedup Disable Register (Read to Enable)
Reset Value = 0000h
15:0
SMI Speedup Disable: If bit 1 in the Suspend Configuration Register is set (F0 Index 96h[1] = 1), a read of this register
invokes the SMI handler to re-enable Suspend Modulation.
The data read from this register can be ignored. If the Suspend Modulation feature is disabled, reading this location has
no effect.
F0 Index 80h
Power Management Enable Register 1 (R/W)
Reset Value = 00h
4
Video Speedup: Any video activity, as decoded from the serial connection (PSERIAL register, bit 0) from the GXLV pro-
cessor disables clock throttling (via SUSP#/SUSPA# handshake) for a configurable duration when system is power man-
aged using CPU Suspend Modulation. 0 = Disable; 1 = Enable.
The duration of the speedup is configured in the Video Speedup Timer Count Register (F0 Index 8Dh). Detection of an
external VGA access (3Bx, 3, 3Dx and A000h-B7FFh) on the PCI bus is also supported. This configuration is non-stan-
dard, but it does allow the power management routines to support an external VGA chip.
3
IRQ Speedup: Any unmasked IRQ (per I/O Port 021h/0A1h) or SMI disables clock throttling (via SUSP#/SUSPA# hand-
shake) for a configurable duration when system is power managed using CPU Suspend Modulation:
0 = Disable; 1 = Enable.
The duration of the speedup is configured in the IRQ Speedup Timer Count Register (F0 Index 8Ch).
0
Power Management: Global power management: 0 = Disable; 1 = Enabled.
This bit must be set (1) immediately after POST for power management resources to function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com