Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 85Page - National Semiconductor (TI) CS5530 Datasheet HTML 86Page - National Semiconductor (TI) CS5530 Datasheet HTML 87Page - National Semiconductor (TI) CS5530 Datasheet HTML 88Page - National Semiconductor (TI) CS5530 Datasheet HTML 89Page - National Semiconductor (TI) CS5530 Datasheet HTML 90Page - National Semiconductor (TI) CS5530 Datasheet HTML 91Page - National Semiconductor (TI) CS5530 Datasheet HTML 92Page - National Semiconductor (TI) CS5530 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 241 page
background image
Revision 4.1
89
www.national.com
Functional Description (Continued)
3.5.2.3
ISA Bus Data Steering
TheCS5530performsall of the requireddatasteering
from SD[7:0] to SD[15:0] during normal 8-bit ISA cycles,
as well as during DMA and ISA master cycles. It handles
data transfers between the 32-bit PCI data bus and the
ISA bus. 8/16-bit devices can reside on the ISA bus. Vari-
ous PC-compatible I/O registers, DMA controller registers,
interrupt controller registers, and counter/timer registers
lie on the on-chip I/O data bus. Either the PCI bus master
or theDMA controllers canbecomethe busowner.
When the PCI bus master is the bus owner, the CS5530
data steering logic provides data conversion necessary
for 8/16/32-bit transfers to and from 8/16-bit devices on
either the ISA bus or the 8-bit registers on the on-chip I/O
data bus. When PCI data bus drivers of the CS5530 are
tristated, data transfers between the PCI bus master and
PCI bus devices are handled directly via the PCI data bus.
When the DMA requestor is the bus owner, the CS5530
allows 8/16-bit data transfer between the ISA bus and the
PCI data bus.
3.5.2.4
I/O Recovery Delays
In normal operation, the CS5530 inserts a delay between
back-to-back ISA I/O cycles that originate on the PCI bus.
The default delay is four ISACLK cycles. Thus, the second
of consecutive I/O cycles is held in the ISA bus controller
until this delay count has expired. The delay is measured
between the rising edge of IOR#/IOW# and the falling
edge of BALE. This delay can be adjusted to a greater
delay through the ISA I/O Recovery Control Register (F0
Index 51h, see Table 3-37).
Note:
This delay is not inserted for a 16-bit ISA I/O
access that is split into two 8-bit I/O accesses.
Table 3-37. I/O Recovery Programming Register
Bit
Description
F0 Index 51h
ISA I/O Recovery Control Register (R/W)
Reset Value = 44h
7:4
8-Bit I/O Recovery: These bits determine the number of ISA bus clocks between back-to-back 8-bit I/O read cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000 = 1 PCI clock
0100 = 5 PCI clocks
1000 = 9 PCI clocks
1100 = 13 PCI clocks
0001 = 2 PCI clocks
0101 = 6 PCI clocks
1001 = 10 PCI clocks
1101 = 14 PCI clocks
0010 = 3 PCI clocks
0110 = 7 PCI clocks
1010 = 11 PCI clocks
1110 = 15 PCI clocks
0011 = 4 PCI clocks
0111 = 8 PCI clocks
1011 = 12 PCI clocks
1111 = 16 PCI clocks
3:0
16-Bit I/O Recovery: These bits determine the number of ISA bus clocks between back-to-back 16-bit I/O cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000 = 1 PCI clock
0100 = 5 PCI clocks
1000 = 9 PCI clocks
1100 = 13 PCI clocks
0001 = 2 PCI clocks
0101 = 6 PCI clocks
1001 = 10 PCI clocks
1101 = 14 PCI clocks
0010 = 3 PCI clocks
0110 = 7 PCI clocks
1010 = 11 PCI clocks
1110 = 15 PCI clocks
0011 = 4 PCI clocks
0111 = 8 PCI clocks
1011 = 12 PCI clocks
1111 = 16 PCI clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com