Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 3Page - National Semiconductor (TI) CS5530 Datasheet HTML 4Page - National Semiconductor (TI) CS5530 Datasheet HTML 5Page - National Semiconductor (TI) CS5530 Datasheet HTML 6Page - National Semiconductor (TI) CS5530 Datasheet HTML 7Page - National Semiconductor (TI) CS5530 Datasheet HTML 8Page - National Semiconductor (TI) CS5530 Datasheet HTML 9Page - National Semiconductor (TI) CS5530 Datasheet HTML 10Page - National Semiconductor (TI) CS5530 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 241 page
background image
Revision 4.1
7
www.national.com
Architecture Overview (Continued)
1.2
ISA BUS INTERFACE
The CS5530 provides an ISA bus interface for unclaimed
memory and I/O cycles on PCI. The CS5530 is the default
subtractive decoding agent and forwards all unclaimed
memory and I/O cycles to the ISA interface; however, the
CS5530 may be configured to ignore either I/O, memory
or all unclaimed cycles (subtractive decode disabled).
The CS5530 supports two modes on the ISA interface.
The default mode, Limited ISA Mode, supports the full
memory and I/O address range without ISA mastering.
The address and data buses are multiplexed together,
requiring an external latch to latch the lower 16 bits of
address of the ISA cycle. The signal SA_LATCH is gener-
ated when the data on the SA/SD bus is a valid address.
Additionally, the upper four address bits, SA[23:20] are
multiplexed on GPIO[7:4].
The second mode, ISA Master Mode, supports ISA bus
masters and requires no external circuitry. When the
CS5530 is placed in ISA Master Mode, a large number of
pins are redefined. In this mode of operation the CS5530
cannot support TFT flat panels or TV controllers, since
most of the signals used to support these functions have
been redefined. This mode is required if ISA slots or ISA
masters are used. ISA master cycles are only passed to
the PCI bus if they access memory. I/O accesses are left
to complete on the ISA bus.
For further information regarding mode selection and
operational details refer to Section 3.5.2.2 “Limited ISA
and ISA Master Modes” on page 87.
1.3
AT COMPATIBILITY LOGIC
The CS5530 integrates:
• Two 8237-equivalent DMA controllers with full 32-bit
addressing
• Two 8259-equivalent interrupt controllers providing 13
individually programmable external interrupts
• An 8254-equivalent timer for refresh, timer, and
speaker logic
• NMI control and generation for PCI system errors and
all parity errors
• Support for standard AT keyboard controllers
• Positive decode for the AT I/O register space
• Reset control
1.3.1
DMA Controller
The CS5530 supports the industry standard DMA archi-
tecture using two 8237-compatible DMA controllers in
cascaded configuration. CS5530-supported DMA func-
tions include:
• Standard seven-channel DMA support
• 32-bit address range support via high page registers
• IOCHRDY extended cycles for compatible timing
transfers
• ISA bus master device support using cascade mode
1.3.2
Programmable Interval Timer
The CS5530 contains an 8254-equivalent programmable
interval timer. This device has three timers, each with an
input frequency of 1.193 MHz.
1.3.3
Programmable Interrupt Controller
The CS5530 contains two 8259-equivalent programmable
interrupt controllers, with eight interrupt request lines
each, for a total of 16 interrupts. The two controllers are
cascaded internally, and two of the interrupt request
inputs are connected to the internal circuitry. This allows a
total of 13 externally available interrupt requests.
Each CS5530 IRQ signal can be individually selected as
edge- or level-sensitive. The PCI interrupt signals are
routed internally to the PIC IRQs.
1.4
IDE CONTROLLERS
The CS5530 integrates two PCI bus mastering, ATA-4
compatible IDE controllers. These controllers support
Ultra DMA/33(enabledinMicrosoft Windows 95 and Win-
dows NT by using a driver provided by National Semicon-
ductor), Multiword DMA and Programmed I/O (PIO)
modes. Two devices are supported on each controller.
The data-transfer speed for each device on each control-
ler can be independently programmed. This allows high-
speed IDE peripherals to coexist on the same channel as
lower speed devices. Faster devices must be ATA-4 com-
patible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com