Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 68Page - National Semiconductor (TI) CS5530 Datasheet HTML 69Page - National Semiconductor (TI) CS5530 Datasheet HTML 70Page - National Semiconductor (TI) CS5530 Datasheet HTML 71Page - National Semiconductor (TI) CS5530 Datasheet HTML 72Page - National Semiconductor (TI) CS5530 Datasheet HTML 73Page - National Semiconductor (TI) CS5530 Datasheet HTML 74Page - National Semiconductor (TI) CS5530 Datasheet HTML 75Page - National Semiconductor (TI) CS5530 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 241 page
background image
www.national.com
72
Revision 4.1
Functional Description (Continued)
3.4.3.3
ACPI Timer Register
The ACPI Timer Register (F1BAR+Memory Offset 1Ch or
at I/O Port 121Ch in Silicon Revision 1.3 and above pro-
vides the ACPI counter. The counter counts at 14.31818/4
MHz (3.579545 MHz). If SMI generation is enabled (F0
Index 83h[5] = 1), an SMI is generated when bit 23 tog-
gles. Table 3-28 shows the ACPI Timer Count register and
the ACPI Timer SMI enable bit.
V-ACPI I/O Register Space
The register space designated as V-ACPI (Virtualized
ACPI) I/O does not physically exist in the CS5530. ACPI
is supported in the CS5530 by virtualizing this register
space. In order for ACPI to be supported, the V-ACPI
module must be included in the BIOS. The register
descriptions that follow, are supplied here for reference
only.
Fixed Feature space registers are required to be imple-
mented by all ACPI-compatible hardware. The Fixed Fea-
ture registers in the V-ACPI solution are mapped to
normal I/O space starting at offset AC00h. However, the
designer can relocate this register space at compile time,
hereafter referred to as ACPI_BASE. Registers within the
V-ACPI I/O space must only be accessed on their defined
boundaries. For example, BYTE aligned registers must
not be accessed via WORD I/O instructions, WORD
aligned registers must not be accessed as DWORD I/O
instructions, etc.
Table 3-29 summarizes the registers available in the V-
ACPI I/O Register Space. The “Reference” column gives a
table and page number where the bit formats for the regis-
ters are located.
Table 3-28. ACPI Timer Related Registers/Bits
Bit
Description
F1BAR+Memory Offset 1Ch-1Fh (Note)
ACPI Timer Count Register (RO)
Reset Value = 00FFFFFCh
ACPI_COUNT (Read Only): This read-only register provides the ACPI counter. The counter counts at 14.31818/4 MHz (3.579545
MHz). If SMI generation is enabled via F0 Index 83h[5], an SMI is generated when the MSB toggles. The MSB toggles every 2.343
seconds.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[0].
31:24
Reserved: Always returns 0.
23:0
Counter
Note: The ACPI Timer Count Register is accessible through I/O Port 121Ch in Silicon Revision 1.3 and above.
F0 Index 83h
Power Management Enable Register 4 (R/W)
Reset Value = 00h
5
ACPI Timer SMI: Allow SMI generation for MSB toggles on the ACPI Timer (F1BAR+Memory Offset 1Ch or I/O Port
121Ch in Silicon Revision 1.3 and above): 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[0].
Table 3-29. V-ACPI I/O Register Space Summary
ACPI_
BASE
Type
Align
Length
Name
Reset
Value
Reference
(Table 4-
32)
00h-03h
R/W
4
4
P_CNT: Processor Control Register
00h
Page 217
04h
RO
1
1
P_LVL2: Enter C2 Power State Register
00h
Page 217
05h
--
1
1
Reserved
00h
Page 217
06h
R/W
1
1
SMI_CMD: OS/BIOS Requests Register (ACPI enable/disable port)
00h
Page 217
07h
--
1
1
Reserved
00h
Page 218
08h-09h
R/W
2
2
PM1A_STS: PM1A Status Register
00h
Page 218
0Ah-0Bh
R/W
2
2
PM1A_EN: PM1A Enable Register
00h
Page 218
0Ch-0Dh
R/W
4
2
PM1A_CNT: PM1A Control Register
00h
Page 218
0Eh-0Fh
R/W
2
2
SETUP_IDX: Setup Index Register (V-ACPI internal index register)
00h
Page 219
10h-11h
R/W
2
2
GPE0_STS: General Purpose Event 0 Status Register
00h
Page 219
12h-13h
R/W
2
2
GPE0_EN: General Purpose Event 0 Enable Register
00h
Page 220
14h-17h
R/W
4
4
SETUP_DATA: Setup Data Register (V-ACPI internal data register)
00h
Page 220
18h-1Fh
--
8
Reserved -- For Future V-ACPI Implementations
00h
Page 220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com