Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 15Page - National Semiconductor (TI) CS5530 Datasheet HTML 16Page - National Semiconductor (TI) CS5530 Datasheet HTML 17Page - National Semiconductor (TI) CS5530 Datasheet HTML 18Page - National Semiconductor (TI) CS5530 Datasheet HTML 19Page - National Semiconductor (TI) CS5530 Datasheet HTML 20Page - National Semiconductor (TI) CS5530 Datasheet HTML 21Page - National Semiconductor (TI) CS5530 Datasheet HTML 22Page - National Semiconductor (TI) CS5530 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 241 page
background image
Revision 4.1
19
www.national.com
Signal Definitions (Continued)
GNT#
I, 5VT
PCI
D24
GPCS#
O4 mA
AF26
GPIO0
I/O, 5VT
8 mA
AC22
GPIO1/SDATA_IN2
I/O, 5VT
8 mA
AE24
GPIO2
I/O, 5VT
8 mA
AF25
GPIO3
I/O, 5VT
8 mA
AF24
GPIO4/SA20
SA20
I/O, 5VT
8 mA
AD22
GPIO5/SA21
SA21
I/O, 5VT
8 mA
AC21
GPIO6/SA22
SA22
I/O, 5VT
8 mA
AE23
GPIO7/SA23
SA23
I/O, 5VT
8 mA
AF23
GPORT_CS#
O8 mA
AD21
HOLD_REQ# (strap pin)
I/O, 5VT
PCI
H26
HSYNC
IIBUF
C6
HSYNC_OUT
O16 mA
N1
IDE_ADDR0
O8 mA
U25
IDE_ADDR1
O8 mA
U26
IDE_ADDR2
O8 mA
W24
IDE_CS0#
O8 mA
V26
IDE_CS1#
O8 mA
Y26
IDE_DACK0#
O8 mA
T26
IDE_DACK1#
O8 mA
T24
IDE_DATA0
I/O, 5VT
8 mA
AC26
IDE_DATA1
I/O, 5VT
8 mA
AA24
IDE_DATA2
I/O, 5VT
8 mA
AB24
IDE_DATA3
I/O, 5VT
8 mA
AB26
IDE_DATA4
I/O, 5VT
8 mA
AA26
IDE_DATA5
I/O, 5VT
8 mA
W26
IDE_DATA6
I/O, 5VT
8 mA
U24
IDE_DATA7
I/O, 5VT
8 mA
U23
IDE_DATA8
I/O, 5VT
8 mA
V24
IDE_DATA9
I/O, 5VT
8 mA
Y25
IDE_DATA10
I/O, 5VT
8 mA
V25
IDE_DATA11
I/O, 5VT
8 mA
Y24
IDE_DATA12
I/O, 5VT
8 mA
AA25
IDE_DATA13
I/O, 5VT
8 mA
AB25
IDE_DATA14
I/O, 5VT
8 mA
AC25
IDE_DATA15
I/O, 5VT
8 mA
AB23
IDE_DREQ0
I, 5VT
IBUF
AD26
IDE_DREQ1
I, 5VT
IBUF
AC24
IDE_IOR0#
O8 mA
R26
IDE_IOR1#
O8 mA
R25
IDE_IORDY0
I, 5VT
IBUF
AD25
IDE_IORDY1
I, 5VT
IBUF
AE26
IDE_IOW0#
O8 mA
R24
IDE_IOW1#
O8 mA
T25
IDE_RST#
O8 mA
W25
INTA#
I, 5VT
IBUF
A14
INTB#
I, 5VT
IBUF
D15
INTC#
I, 5VT
IBUF
C15
INTD#
I, 5VT
IBUF
B14
INTR (strap pin)
I/O
4 mA
P26
Signal Name
Pin Type
(Note 1)
Buffer
Type
(Note 2)
Pin
No.
Limited ISA
Mode
ISA Master
Mode
IOCHRDY
I/O, OD, 5VT
8 mA
AF11
IOCS16#
I, 5VT
IBUF
AF16
IOR#
I/O (PU), 5VT
8 mA
AE12
IOUTB
O, Analog
R1
IOUTR
O, Analog
P3
IOUTG
O, Analog
P4
IOW#
I/O (PU), 5VT
8 mA
AC11
IRDY#
I/O, t/s, 5VT
PCI
B24
IREF
I, Analog
R3
IRQ1
I, 5VT
IBUF
AF13
IRQ3
I, 5VT
IBUF
AC14
IRQ4
I, 5VT
IBUF
AE15
IRQ5
I, 5VT
IBUF
AE13
IRQ6
I, 5VT
IBUF
AF14
IRQ7
I, 5VT
IBUF
AD14
IRQ8#
I, 5VT
IBUF
AE14
IRQ9
I, 5VT
IBUF
AE5
IRQ10
I, 5VT
IBUF
AE16
IRQ11
I, 5VT
IBUF
AF18
IRQ12
I, 5VT
IBUF
AF17
IRQ13
I, 5VT
IBUF
R23
IRQ14
I, 5VT
IBUF
AC17
IRQ15
I, 5VT
IBUF
AD17
ISACLK
O16 mA
AD6
KBROMCS#
O
4 mA
AE4
LOCK#
I/O, t/s, 5VT
PCI
C22
MEMCS16#
I/O, OD, 5VT
8 mA
AC15
MEMR#
I/O (PU), 5VT
8 mA
AE19
MEMW#
I/O (PU), 5VT
8 mA
AF20
NC
--
--
AA3
NC
--
--
AB1
NC
--
--
AB2
NC
--
--
AB3
NC
--
--
AC1
NC
--
--
AC2
NC
--
--
AC3
NC
--
--
AD1
NC
--
--
AD2
NC
--
--
AD3
NC
--
--
AE1
NC
--
--
AE2
NC
--
--
AF1
NC
--
--
AF2
NC
--
--
D2
NC
--
--
W2
NC
--
--
Y3
OVER_CUR#
I, 5VT
IBUF
W3
PAR
I/O, t/s, 5VT
PCI
A21
PC_BEEP
O4 mA
V3
PCICLK
Ismt
J26
PCI_RST#
O16 mA
C14
Signal Name
Pin Type
(Note 1)
Buffer
Type
(Note 2)
Pin
No.
Limited ISA
Mode
ISA Master
Mode
Table 2-3.
352 TBGA Pin Assignments - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com