Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 18Page - National Semiconductor (TI) CS5530 Datasheet HTML 19Page - National Semiconductor (TI) CS5530 Datasheet HTML 20Page - National Semiconductor (TI) CS5530 Datasheet HTML 21Page - National Semiconductor (TI) CS5530 Datasheet HTML 22Page - National Semiconductor (TI) CS5530 Datasheet HTML 23Page - National Semiconductor (TI) CS5530 Datasheet HTML 24Page - National Semiconductor (TI) CS5530 Datasheet HTML 25Page - National Semiconductor (TI) CS5530 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 241 page
background image
www.national.com
22
Revision 4.1
Signal Definitions (Continued)
2.2
SIGNAL DESCRIPTIONS
2.2.1
Reset Interface
Signal Name
Pin
No.
Type
Description
PCI_RST#
C14
O
PCI Reset
PCI_RST# resets the PCI bus and is asserted while POR# is asserted,
and for approximately 9 ms following the deassertion of POR#.
POR#
K24
I
smt
Power On Reset
POR# is the system reset signal generated from the power supply to indi-
cate that the system should be reset.
CPU_RST
K25
O
CPU Reset
CPU_RST resets the CPU and is asserted while POR# is asserted, and
for approximately 9 ms following the deassertion of POR#.
2.2.2
Clock Interface
Signal Name
Pin
No.
Type
Description
PCICLK
J26
I
PCI Clock
The PCI clock is used to drive most circuitry of the CS5530.
TVCLK
B2
I
5VT
Television Clock
The TVCLK is an input from a digital NTSC/PAL converter which is option-
ally re-driven back out onto the DCLK signal under software program con-
trol. This is only used if interfacing to a compatible digital NTSC/PAL
encoder device.
DCLK
A10
O
DOT Clock
DOT clock is generated by the CS5530 and typically connects to the pro-
cessor to create the video pixel clock. The minimum frequency of DCLK is
10 MHz and the maximum is 200 MHz.
ISACLK
AD6
O
ISA Bus Clock
ISACLK is derived from PCICLK and is typically programmed for approxi-
mately 8 MHz. F0 Index 50h[2:0] is used to program the ISA clock divisor.
CLK_14MHZ
P24
I
14.31818 MHz Clock
DOT clock (DCLK) is derived from this clock.
USBCLK
W1
I
USBCLK
This input is used as the clock source for the USB. In this mode, a 48 MHz
clock source input is required.
CLK_32K
AE3
I/O
5VT
32KHz Clock
CLK_32K is a 32.768 KHz clock used to generate reset signals, as well as
to maintain power management functionality. It should be active when
power is applied to the CS5530.
CLK_32K can be an input or an output. As an output CLK_32K is inter-
nally derived from CLK_14MHZ. F0 Index 44h[5:4] are used to program
this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com