Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 82Page - National Semiconductor (TI) CS5530 Datasheet HTML 83Page - National Semiconductor (TI) CS5530 Datasheet HTML 84Page - National Semiconductor (TI) CS5530 Datasheet HTML 85Page - National Semiconductor (TI) CS5530 Datasheet HTML 86Page - National Semiconductor (TI) CS5530 Datasheet HTML 87Page - National Semiconductor (TI) CS5530 Datasheet HTML 88Page - National Semiconductor (TI) CS5530 Datasheet HTML 89Page - National Semiconductor (TI) CS5530 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 241 page
background image
www.national.com
86
Revision 4.1
Functional Description (Continued)
3.5.2.1
Delayed PCI Transactions
If PCI delayed transactions are enabled (F0 Index 42h[5]
= 1) multiple PCI cycles occur for every slower ISA cycle.
Figure 3-9 shows the relationship of PCI cycles to an ISA
cycle with PCI delayed transactions enabled.
See Section 3.2.6 “Delayed Transactions” on page 48 for
additional information.
Figure 3-9. PCI to ISA Cycles with Delayed Transaction Enabled
REQ#
GNT#
FRAME#
IRDY#
TRDY#
STOP#
IOR#
BALE
PCI
1
1
1
1
1-Delay
2
3
2 - IDE bus master - starts and completes
3 - End of ISA cycle
ISA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com