Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 188 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 188 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 184Page - National Semiconductor (TI) CS5530 Datasheet HTML 185Page - National Semiconductor (TI) CS5530 Datasheet HTML 186Page - National Semiconductor (TI) CS5530 Datasheet HTML 187Page - National Semiconductor (TI) CS5530 Datasheet HTML 188Page - National Semiconductor (TI) CS5530 Datasheet HTML 189Page - National Semiconductor (TI) CS5530 Datasheet HTML 190Page - National Semiconductor (TI) CS5530 Datasheet HTML 191Page - National Semiconductor (TI) CS5530 Datasheet HTML 192Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 241 page
background image
www.national.com
188
Revision 4.1
Register Descriptions (Continued)
4.3.4
XpressAUDIO Registers - Function 3
The register space for XpressAUDIO is divided into two
sections. The first section is used to configure the PCI
portion of the audio interface hardware. A Base Address
Register at F3 Index 10h (F3BAR) points to the base
address of where the second portion of the register space
is located. This second section contains the control and
data registers of the audio interface.
Table 4-19 shows the PCI header registers of F3. The
memory mapped registers accessed through F3BAR are
shown in Table 4-20.
Table 4-19. F3 Index xxh: PCI Header Registers for XpressAUDIO
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 1078h
Index 02h-03h
Device Identification Register (RO)
Reset Value = 0103h
Index 04h-05h
PCI Command Register (R/W)
Reset Value = 0000h
15:3
Reserved (Read Only)
2
Enable Mastering: 0 = Disable, 1 = Enable
1
Memory Space: Allow CS5530 to respond to memory cycles from the PCI bus: 0 = Disable; 1 = Enable.
This bit must be enabled to access memory offsets through F3BAR (F3 Index 10h).
0
Reserved (Read Only)
Index 06h-07h
PCI Status Register (RO)
Reset Value = 0280h
Index 08h
Device Revision ID Register (RO)
Reset Value = 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value = 040100h
Index 0Ch
PCI Cache Line Size Register (RO)
Reset Value = 00h
Index 0Dh
PCI Latency Timer Register (RO)
Reset Value = 00h
Index 0Eh
PCI Header Type (RO)
Reset Value =00h
Index 0Fh
PCI BIST Register (RO)
Reset Value = 00h
Index 10h-13h
Base Address Register - F3BAR (R/W)
Reset Value = 00000000h
This register sets the base address of the memory mapped audio interface control register block. This is a 128 byte block of registers
used to control the audio FIFO and codec interface, as well as to support SMIs produced by VSA technology. Bits [6:0] are read only
(0000 0000), indicating a 128 byte memory address range. Refer to Table 4-20 for the bit formats and reset values of the XpressAU-
DIO registers.
31:7
Audio Interface Base Address
6:0
Address Range (Read Only)
Index 14h-FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com