Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
36
MICROPHONE INPUTS
Up to four microphones can be connected to the WM8993, either in single-ended or differential
mode. A dedicated PGA is provided for each microphone input. Two low noise microphone bias
circuits are provided, reducing the need for external components.
For single-ended microphone inputs, the microphone signal is connected to the inverting input of the
PGAs (IN1LN, IN2LN, IN1RN or IN2RN). The non-inverting inputs of the PGAs are internally
connected to VMID in this configuration. The non-inverting input pins IN1LP, IN2LP, IN1RP and
IN2RP are free to be used as line connections to the input or output mixers in this configuration.
For differential microphone inputs, the non-inverted microphone signal is connected to the non-
inverting input of the PGAs (IN1LP, IN2LP, IN1RP or IN2RP), whilst the inverted (or ‘noisy ground’)
signal is connected to the inverting input pins (IN1LN, IN2LN, IN1RN and IN2RN).
The gain of the input PGAs is controlled via register settings, as defined in Table 4. Note that the
input impedance of both inverting and non-inverting inputs changes with the input PGA gain setting,
as described under “Electrical Characteristics”. See also the “Applications Information” for details of
input resistance at all PGA Gain settings.
The microphone input configurations are illustrated in Figure 8 and Figure 9. Note that any PGA input
pin that is used in either microphone configuration is not available for use as a line input path at the
same time.
MICBIAS
MIC
GND
To
input
mixers
PGA
Line Input
VMID
IN1LN,
IN2LN,
IN1RN,
IN2RN
IN1LP,
IN2LP,
IN1RP,
IN2RP
MIC
GND
To
input
mixers
PGA
VMID
MICBIAS
IN1LN,
IN2LN,
IN1RN,
IN2RN
IN1LP,
IN2LP,
IN1RP,
IN2RP
Figure 8 Single-Ended Microphone Input
Figure 9 Differential Microphone Input
MICROPHONE BIAS CONTROL
There are two MICBIAS generators which provide low noise reference voltages suitable for biasing
electret condenser (ECM) type microphones via an external resistor. Note that an external decoupling
capacitor is also required on each of the MICBIAS outputs. A suitable capacitor must be connected
whenever the associated MICBIAS output is enabled. Refer to the “Applications Information” section
for recommended external components.
The MICBIAS voltages can be enabled using the MICB1_ENA and MICB2_ENA control bits; the
voltage of each can be selected using the MICB1_LVL and MICB2_LVL register bits as detailed in
Table 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
Managem
ent (1)
5
MICB2_ENA
0b
Microphone Bias 2 Enable
0 = OFF (high impedance output)
1 = ON
4
MICB1_ENA
0b
Microphone Bias 1 Enable
0 = OFF (high impedance output)
1 = ON
R58 (3Ah)
MICBIAS
1
MICB2_LVL
0b
Microphone Bias 2 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
0
MICB1_LVL
0b
Microphone Bias 1 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
Table 1 Microphone Bias Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com