Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
87
DC SERVO ENABLE AND START-UP
The DC Servo circuit is enabled on HPOUT1L and HPOUT1R by setting DCS_ENA_CHAN_0 and
DCS_ENA_CHAN_1 respectively. When the DC Servo is enabled, the DC offset correction can be
commanded in a number of different ways, including single-shot and periodically recurring events.
Writing a logic 1 to DCS_TRIG_STARTUP_n initiates a series of DC offset measurements and
applies the necessary correction to the associated output; (‘n’ = 0 for Left channel, 1 for Right
channel). On completion, the headphone output will be within 1mV of AGND. This is the DC Servo
mode selected by the default Start-Up sequence. Completion of the DC offset correction triggered in
this way is indicated by the DCS_STARTUP_COMPLETE field, as described in Table 56. Typically,
this operation takes 86ms per channel.
For correct operation of the DC Servo Start-Up mode, it is important that there is no active audio
signal present on the signal path while the mode is running. The DC Servo Start-Up mode should be
scheduled at the correct position within the Headphone Output Enable sequence, as described in the
“Output Signal Path” section. All other stages of the analogue signal path should be fully enabled
prior to commanding the Start-Up mode; the DAC Digital Mute function should be used, where
appropriate, to ensure there is no active audio signal present during the DC Servo measurements.
Writing a logic 1 to DCS_TRIG_DAC_WR_n causes the DC offset correction to be set to the value
contained in the DCS_DAC_WR_VAL_n fields in Register R87. This mode is useful if the required
offset
correction
has
already
been
determined
and
stored;
it
is
faster
than
the
DCS_TRIG_STARTUP_n mode, but relies on the accuracy of the stored settings. Completion of the
DC offset correction triggered in this way is indicated by the DCS_DAC_WR_COMPLETE field, as
described in Table 56. Typically, this operation takes 2ms per channel.
For pop-free operation of the DC Servo DAC Write mode, it is important that the mode is scheduled
at the correct position within the Headphone Output Enable sequence, as described in the “Output
Signal Path” section.
When using either of the DC Servo options above, the status of the DC offset correction process is
indicated
by
the
DCS_CAL_COMPLETE
field;
this
is
the
logical
OR
of
the
DCS_STARTUP_COMPLETE and DCS_DAC_WR_COMPLETE fields.
The DC Servo control fields associated with start-up operation are described in Table 56. It is
important to note that, to minimise audible pops/clicks, the Start-Up and DAC Write modes of DC
Servo operation should be commanded as part of a control sequence which includes muting and
shorting of the headphone outputs; a suitable sequence is defined in the default Start-Up sequence.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R84 (54h)
DC Servo 0
5
DCS_TRIG_START
UP_1
0
Writing 1 to this bit selects Start-
Up DC Servo mode for
HPOUT1R.
In readback, a value of 1
indicates that the DC Servo
Start-Up correction is in
progress.
4
DCS_TRIG_START
UP_0
0
Writing 1 to this bit selects Start-
Up DC Servo mode for
HPOUT1L.
In readback, a value of 1
indicates that the DC Servo
Start-Up correction is in
progress.
3
DCS_TRIG_DAC_W
R_1
0
Writing 1 to this bit selects DAC
Write DC Servo mode for
HPOUT1R.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
2
DCS_TRIG_DAC_W
R_0
0
Writing 1 to this bit selects DAC
Write DC Servo mode for
HPOUT1L.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com