Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 100 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 100 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 104Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
100
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
GPIOCTRL2
6
IM_GPI8_EI
NT
0
GPI8 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
4
GPI8_ENA
0
GPI8 input enable
0 = disabled
1 = enabled
2
IM_GPI7_EI
NT
0
GPI7 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
0
GPI7_ENA
0
GPI7 input enable
0 = disabled
1 = enabled
R23 (17h)
GPIO_POL
7
GPI8_POL
0
GPI8 interrupt polarity
0 = active high
1 = active low
6
GPI7_POL
0
GPI7 interrupt polarity
0 = active high
1 = active low
Table 65 Button Detect Interrupt Control
ACCESSORY DETECTION
Current detection is provided on each of the microphone bias sources MICBIAS1 and MICBIAS2.
These can be configured to detect when an external accessory (such as a microphone) has been
connected. The output voltage of each of the microphone bias sources is selectable. Two current
detection threshold levels can be set; these thresholds are applicable to both microphone bias
sources.
The logic signals from the current detect circuits may be output directly on the GPIO1 pin, and may
also be used to generate Interrupt events. See “GPIO1 Control” for details of outputting the
accessory detection flags on the GPIO1 pin.
The accessory detection circuits are inputs to the Interrupt function, with selectable de-bounce and
polarity control. The associated interrupt bits are latched once set and can be polled at any time or
used as inputs to the IRQ output. See “Interrupts” for more details of the Interrupt event handling.
The interrupt bits are latched once set; they are reset by writing a logic ‘1’ to the _EINT register bits
in Register R18 (12h). De-bouncing is provided in order to avoid false event triggers. Note that
TOCLK must be enabled when this input de-bouncing is required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (1h)
Power
Management
(1)
5
MICB2_ENA
0
Microphone Bias 2 Enable
0 = OFF (high impedance output)
1 = ON
4
MICB1_ENA
0
Microphone Bias 2 Enable
0 = OFF (high impedance output)
1 = ON
R58 (3Ah)
MICBIAS
7:6
JD_SCTHR
[1:0]
00
Jack Detect (MICBIAS) Short Circuit threshold
00 = 300uA
01 = 600uA
10 = 1200uA
11 = 2400uA
These values are for AVDD1=3.0V and scale
proportionally with AVDD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com