Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
78
The speaker output PGA controls are shown in Table 49.The SPKOUT_VU bits control the loading of
the speaker PGA volume data. When SPKOUT_VU is set to 0, the volume control data will be
loaded into the respective control register, but will not actually change the gain setting. The speaker
PGA volume settings are both updated when a 1 is written to either SPKOUT_VU bit. This makes it
possible to update the gain of both output paths simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (26h)
Speaker
Volume Left
8
SPKOUT_VU
N/A
Speaker Output PGA Volume
Update
Writing a 1 to this bit will update
SPKLVOL and SPKRVOL volumes
simultaneously.
7
SPKOUTL_ZC
0b
SPKLVOL (Left Speaker Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
SPKOUTL_MUTE_N
1b
SPKLVOL (Left Speaker Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
SPKOUTL_VOL [5:0]
39h
(0dB)
SPKLVOL (Left Speaker Output
PGA) Volume
-57dB to +6dB in 1dB steps
(See Table 50 for output PGA
volume control range)
R39 (27h)
Speaker
Volume Right
8
SPKOUT_VU
N/A
Speaker PGA Volume Update
Writing a 1 to this bit will update
SPKLVOL and SPKRVOL volumes
simultaneously.
7
SPKOUTR_ZC
0b
SPKRVOL (Right Speaker Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
SPKOUTR_MUTE_N
1b
SPKRVOL (Right Speaker Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
SPKOUTR_VOL [5:0]
39h
(0dB)
SPKRVOL (Right Speaker Output
PGA) Volume
-57dB to +6dB in 1dB steps
(See Table 50 for output PGA
volume control range)
Table 49 Speaker Output PGA (SPKLVOL, SPKRVOL) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com