Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
77
The headphone output PGA is configurable between two input sources. The default input to each
headphone output PGA is the respective output mixer (MIXOUTL or MIXOUTR). A direct path from
the DACL or DACR can be selected using the DACL_TO_HPOUT1L and DACR_TO_HPOUT1R
register bits. When these bits are selected, a DAC to Headphone playback path is possible without
using the output mixers; this offers reduced power consumption by allowing the output mixers to be
disabled in this typical usage case.
The headphone output PGA controls are shown in Table 48. The HPOUT1_VU bits control the
loading of the headphone PGA volume data. When HPOUT1_VU is set to 0, the volume control data
will be loaded into the respective control register, but will not actually change the gain setting. The
headphone PGA volume settings are both updated when a 1 is written to either HPOUT1_VU bit.
This makes it possible to update the gain of both output paths simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R28 (1Ch)
Left Output
Volume
8
HPOUT1_VU
N/A
Headphone Output PGA Volume
Update
Writing a 1 to this bit will update
HPOUT1LVOL and HPOUT1RVOL
volumes simultaneously.
7
HPOUT1L_ZC
0b
HPOUT1LVOL (Left Headphone
Output PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
HPOUT1L_MUTE_N
1b
HPOUT1LVOL (Left Headphone
Output PGA) Mute
0 = Mute
1 = Un-mute
5:0
HPOUT1L_VOL [5:0]
2Dh
(-12dB)
HPOUT1LVOL (Left Headphone
Output PGA) Volume
-57dB to +6dB in 1dB steps
(See Table 50 for output PGA
volume control range)
R45 (2Dh)
Output
Mixer1
8
DACL_TO_HPOUT1L
0b
HPOUT1LVOL (Left Headphone
Output PGA) Input Select
0 = MIXOUTL
1 = DACL
R29 (1Dh)
Right Output
Volume
8
HPOUT1_VU
N/A
Headphone Output PGA Volume
Update
Writing a 1 to this bit will update
HPOUT1LVOL and HPOUT1RVOL
volumes simultaneously.
7
HPOUT1R_ZC
0b
HPOUT1RVOL (Right Headphone
Output PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
HPOUT1R_MUTE_N
1b
HPOUT1RVOL (Right Headphone
Output PGA) Mute
0 = Mute
1 = Un-mute
5:0
HPOUT1R_VOL [5:0]
2Dh
(-12dB)
HPOUT1RVOL (Right Headphone
Output PGA) Volume
-57dB to +6dB in 1dB steps
(See Table 50 for output PGA
volume control range)
R46 (2Eh)
Output
Mixer2
8
DACR_TO_HPOUT1
R
0b
HPOUT1RVOL (Right Headphone
Output PGA) Input Select
0 = MIXOUTR
1 = DACR
Table 48 Headphone Output PGA (HPOUT1LVOL, HPOUT1RVOL) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com