Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
13
Test Conditions
DCVDD = 1.2V, AVDD2 = DBVDD = CPVDD = 1.8V, AVDD1 = 3.0V, SPKVDD = 5V, DGND=AGND=CPGND=SPKGND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Direct Voice to Earpiece
Driver (Gain = -6dB)
33.3
k
Ω
Direct Voice to Earpiece
Driver (Gain = 0dB)
16.7
k
Ω
Direct Voice to Speaker
Driver (Gain = 0dB)
170.0
k
Ω
Direct Voice to Speaker
Driver (Gain = +6dB)
85.2
k
Ω
Direct Voice to Speaker
Driver (Gain = +9dB)
60.3
k
Ω
Direct Voice to Speaker
Driver (Gain = +12dB)
42.7
k
Ω
Note:
4. Input resistance will be seen in parallel with the resistance of other enabled input paths from the same pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com