Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
39
INPUT PGA CONFIGURATION
Each of the Input PGAs can operate in a single-ended or differential mode. In differential mode, both
inputs to the PGA are connected to the input source. In single-ended mode, the non-inverting input to
the PGA must be connected to VMID. Configuration of the PGA inputs to the WM8993 input pins is
controlled using the register bits shown in Table 3.
Single-ended microphone operation is configured by connecting the input source to the inverting
input of the applicable PGA. The non-inverting input of the PGA must be connected to the buffered
VMID reference. Note that the buffered VMID reference must be enabled, using the VMID_BUF_ENA
register, as described in “Reference Voltages and Master Bias”.
Differential microphone operation is configured by connecting the input source to both inputs of the
applicable PGA.
Line inputs to the input pins IN1LN, IN2LN, IN1RN and IN2RN must be connected to the applicable
PGA. The non-inverting input of the PGA must be connected to VMID.
Line inputs to the input pins IN1LP, IN2LP, IN1RP or IN2RP do not connect to the input PGAs. The
non-inverting inputs of the associated PGAs must be connected to VMID. The inverting inputs of the
associated PGAs may be used as separate mic/line inputs if required.
The maximum available attenuation on any of these input paths is achieved by using register bits
shown in Table 3 to disconnect the input pins from the applicable PGA.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
Input Mixer2
7
IN2LP_TO_IN2L
0b
IN2L PGA Non-Inverting Input Select
0 = Connected to VMID
1 = Connected to IN2LP
Note that VMID_BUF_ENA must be
set when using IN2L connected to
VMID.
6
IN2LN_TO_IN2L
0b
IN2L PGA Inverting Input Select
0 = Not connected
1 = Connected to IN2LN
5
IN1LP_TO_IN1L
0b
IN1L PGA Non-Inverting Input Select
0 = Connected to VMID
1 = Connected to IN1LP
Note that VMID_BUF_ENA must be
set when using IN2L connected to
VMID.
4
IN1LN_TO_IN1L
0b
IN1L PGA Inverting Input Select
0 = Not connected
1 = Connected to IN1LN
3
IN2RP_TO_IN2R
0b
IN2R PGA Non-Inverting Input Select
0 = Connected to VMID
1 = Connected to IN2RP
Note that VMID_BUF_ENA must be
set when using IN2L connected to
VMID.
2
IN2RN_TO_IN2R
0b
IN2R PGA Inverting Input Select
0 = Not connected
1 = Connected to IN2RN
1
IN1RP_TO_IN1R
0b
IN1R PGA Non-Inverting Input Select
0 = Connected to VMID
1 = Connected to IN1RP
Note that VMID_BUF_ENA must be
set when using IN2L connected to
VMID.
0
IN1RN_TO_IN1R
0b
IN1R PGA Inverting Input Select
0 = Not connected
1 = Connected to IN1RN
Table 3 Input PGA Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com