Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
64
The volume ramp rate during soft mute and un-mute is controlled by the DAC_MUTERATE bit.
Ramp rates of fs/32 and fs/2 are selectable as shown in Table 34. The ramp rate determines the rate
at which the volume will be increased or decreased. The actual ramp time depends on the extent of
the difference between the muted and un-muted volume settings.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
DAC CTRL
7
DAC_MUTERATE
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum
ramp time is 10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum
ramp time is 171ms at fs=48k)
(Note: ramp rate scales with
sample rate.)
6
DAC_UNMUTE_RAMP
0
DAC Unmute Ramp select
0 = Disabling soft-mute
(DAC_MUTE=0) will cause the DAC
volume to change immediately to
DACL_VOL and DACR_VOL
settings
1 = Disabling soft-mute
(DAC_MUTE=0) will cause the DAC
volume to ramp up gradually to the
DACL_VOL and DACR_VOL
settings
2
DAC_MUTE
1
DAC Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
Table 34 DAC Soft-Mute Control
DAC MONO MIX
A DAC digital mono-mix mode can be enabled using the DAC_MONO register bit. The mono mix is
generated as the sum of the Left and Right channel DAC data. To prevent clipping, a -6dB
attenuation is automatically applied to the mono mix.
The mono mix is only supported when one or other DAC is disabled. If DACL_ENA and DACR_ENA
are both set, then stereo operation applies.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
DAC CTRL
9
DAC_MONO
0
DAC Mono Mix
0 = Disabled
1 = Enabled
Only valid when one or other
DAC is disabled.
Table 35 DAC Mono Mix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com