Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
26
TYPICAL PERFORMANCE
POWER CONSUMPTION
AVDD1
SPKVDD AVDD2
CPVDD
DBVDD
DCVDD
iAVDD1 iSPKVDD iAVDD2
iCPVDD iDBVDD iDCVDD
TOTAL
(V)
(V)
(V)
(V)
(V)
(V)
(
πA)(πA)(πA)
(
πA)
(
πA)
(
πA)
(mW)
All supplies except SPKVDD disabled
0.0
2.7
0.0
0.0
0.0
0.0
0.000
0.392
0.000
0.000
0.000
0.000
0.001
0.0
3.7
0.0
0.0
0.0
0.0
0.000
0.451
0.000
0.000
0.000
0.000
0.002
0.0
4.2
0.0
0.0
0.0
0.0
0.000
0.514
0.000
0.000
0.000
0.000
0.002
0.0
5.0
0.0
0.0
0.0
0.0
0.000
0.627
0.000
0.000
0.000
0.000
0.003
0.0
5.5
0.0
0.0
0.0
0.0
0.000
0.795
0.000
0.000
0.000
0.000
0.004
OFF (hermal sensor disabled)
No clocks
2.24
2.7
1.71
1.71
1.62
1.08
4.711
0.631
4.059
4.352
4.545
0.972
0.035
3.0
5.0
1.8
1.8
1.8
1.2
5.919
1.463
4.215
4.223
6.352
1.015
0.053
3.3
5.5
2.0
2.0
3.6
2.0
6.410
1.987
4.423
4.243
38.094
1.619
0.190
OFF (therm al sensor enabled)
No clocks
2.24
2.7
1.71
1.71
1.62
1.08
4.801
0.576
23.707
4.223
4.454
0.998
0.068
Default state at power-up
3.0
5.0
1.8
1.8
1.8
1.2
5.673
1.454
23.977
4.251
6.359
1.045
0.088
3.3
5.5
2.0
2.0
3.6
2.0
6.186
1.942
24.657
4.523
38.016
1.585
0.229
OFF (therm al sensor enabled)
With clocks
2.24
2.7
1.71
1.71
1.62
1.08
4.663
0.761
23.701
3.988
6.872
201.000
0.288
Default state at power-up
3.0
5.0
1.8
1.8
1.8
1.2
5.737
1.467
24.029
4.132
9.075
225.000
0.362
3.3
5.5
2.0
2.0
3.6
2.0
6.409
1.975
24.564
4.451
48.040
420.000
1.103
DAC Playback
(mA)
(mA)
(mA)
(mA)
(mA)
(mA)
(mW)
DAC to Headphone 16ohm
fs=48kHz
2.24
2.7
1.71
1.71
1.62
1.08
1.424
0.000
0.103
0.908
0.007
0.796
5.789
(DAC->HPOUTVOL->HPOUT1)
3.0
5.0
1.8
1.8
1.8
1.2
1.950
0.001
0.149
1.248
0.009
0.888
9.453
3.3
5.5
2.0
2.0
3.6
2.0
2.165
0.002
0.305
2.637
0.046
1.594
16.392
DAC to Stereo Speaker AB 8ohm
fs=48kHz
2.24
2.7
1.71
1.71
1.62
1.08
1.617
6.083
0.098
0.004
0.007
0.768
21.062
(DAC->SPKMIX->SPKVOL->SPKOUT)
3.0
5.0
1.8
1.8
1.8
1.2
2.213
9.098
0.119
0.004
0.009
0.857
53.396
3.3
5.5
2.0
2.0
3.6
2.0
2.457
10.237
0.131
0.004
0.045
1.538
67.922
DAC to Stereo Speaker D 8ohm
fs=48kHz
2.24
2.7
1.71
1.71
1.62
1.08
1.627
0.577
0.891
0.004
0.007
0.773
7.579
(DAC->SPKMIX->SPKVOL->SPKOUT)
3.0
5.0
1.8
1.8
1.8
1.2
2.231
1.078
1.190
0.004
0.009
0.863
15.285
3.3
5.5
2.0
2.0
3.6
2.0
2.476
1.202
1.334
0.005
0.046
1.547
20.717
ADC Record
fs=48kHz
2.24
2.7
1.71
1.71
1.62
1.08
6.393
0.000
0.043
0.004
0.021
0.941
15.452
(IN1LN/P & IN1RN/P->IN1L/IN1R->MIXIN->ADC)
3.0
5.0
1.8
1.8
1.8
1.2
7.149
0.001
0.045
0.004
0.025
1.049
22.846
3.3
5.5
2.0
2.0
3.6
2.0
7.430
0.002
0.048
0.004
0.075
1.890
28.685
VRX to Earpiece 16ohm
2.24
2.7
1.71
1.71
1.62
1.08
4.120
0.000
0.043
0.004
0.004
0.001
9.318
(VRXN/P->HPOUT2)
3.0
5.0
1.8
1.8
1.8
1.2
5.704
0.001
0.045
0.004
0.006
0.001
17.221
3.3
5.5
2.0
2.0
3.6
2.0
6.335
0.002
0.048
0.004
0.038
0.002
21.161
ADC Record
Analogue Bypass
Standby / Sleep Leakage
Mode
Other settings
Battery Leakage
Notes:
1.
Power in the load is included.
2.
All figures are quoted at TA = 25°C.
3.
All figures are quoted as quiescent current unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com