Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
37
Note that the maximum source current capability for MICBIAS1 and MICBIAS2 is 2.4mA each. The
external biasing resistance must be large enough to limit each MICBIAS current to 2.4mA across the
full microphone impedance range.
An external capacitor is required on MICBIAS1 and MICBIAS2 in order to ensure accuracy and
stability of each regulator. The recommended capacitance is 4.7
μF in each case. See
“Recommended External Components” for further details.
Note that, if the MICBIAS1 or MICBIAS2 regulator is not enabled, then no external capacitor is
required on the respective MICBIAS pin.
MICROPHONE CURRENT DETECT
A MICBIAS current detect function allows detection of accessories such as headset microphones.
When the MICBIAS load current exceeds one of two programmable thresholds, (e.g. short circuit
current or normal operating current), an interrupt or GPIO output can be generated. The current
detection circuit is enabled by the JD_ENA bit; the current thresholds are selected by the JD_THR
and JD_SCTHR register fields as described in Table 66. See “General Purpose Input/Output” for a
full description of these fields.
LINE AND VOICE CODEC INPUTS
All eight analogue input pins may be used as line inputs. Each line input has different signal path
options, providing flexibility, high performance and low power consumption for many different usage
modes.
IN1LN and IN1RN can operate as single-ended line inputs to the input PGAs IN1L and IN1R
respectively. These inputs provide a high gain path if required for low input signal levels.
IN2LN and IN2RN can operate as single-ended line inputs to the input PGAs IN2L and IN2R
respectively, providing further high gain signal paths. These pins can also be connected to either of
the output mixers MIXOUTL and MIXOUTR.
IN1LP and IN1RP can operate as single-ended line inputs to the input mixers MIXINL and MIXINR, or
to the speaker mixers SPKMIXL and SPKMIXR. These signal paths enable power consumption to be
reduced, by allowing the input PGAs and other circuits to be disabled if not required.
IN2LP/VRXN and IN2RP/VRXP can operate in three different ways:
Mono differential ’RXVOICE’ input (e.g. from an external voice CODEC) to the input mixers
MIXINL and MIXINR.
Single-ended line inputs to either of the output mixers MIXOUTL and MIXOUTR.
Ultra-low power mono differential ‘Direct Voice’ input (e.g. from an external voice CODEC)
to the ear speaker driver on HPOUT2, or to either of the speaker drivers on SPKOUTL and
SPKOUTR.
Signal path configuration to the input PGAs and input mixers is detailed later in this section. Signal
path configuration to the output mixers and speaker mixers is described in “Output Signal Path”.
The line input and voice CODEC input configurations are illustrated in Figure 10 through to Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com