Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
23
Test Conditions
DCVDD = 1.2V, AVDD2 = DBVDD = CPVDD = 1.8V, AVDD1 = 3.0V, SPKVDD = 5V, DGND=AGND=CPGND=SPKGND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G6
Earpiece Speaker Voice Call:
Tx Voice and RXVOICE
Separation
1kHz Full scale differential input
on VRXP-VRXN, output to
HPOUT2P-HPOUT2N; Quiescent
input on IN1LN/P or IN1RN/P
(Gain=+12dB), differential line
output; Measure crosstalk at
differential line output
100
dB
G7
Headset Voice Call:
Tx Voice and RXVOICE
Separation
1kHz full scale differential input on
VRXP-VRXN via RXVOICE to
MIXOUTL and MIXOUTR, output
to HPOUT1L and HPOUT1R;
Quiescent input on IN1LN/P or
IN1RN/P (Gain=+12dB),
differential line output; Measure
crosstalk at differential line output
-
+
+12dB
IN1L or IN1R
(Single-ended or
differential mode)
0dB
0dB
+
0dB
+
0dB
MIXOUTL
MIXOUTR
Full scale
input
Quiescent input
RXVOICE
(MIXINL or
MIXINR)
-
+
IN1LN or
IN1RN
IN1LP or
IN1RP
VRXN
VRXP
HPOUT1L
HPOUT1R
LINEOUT1P or
LINEOUT2P
LINEOUT1N or
LINEOUT2N
LINEOUT1NMIX or
LINEOUT2NMIX
HPOUT1LVOL
HPOUT1RVOL
LINEOUT1PMIX or
LINEOUT2PMIX
90
dB
G8
Stereo Line Record and Playback:
DAC/Headset to ADC Separation
-5dBFS input to DACs, playback
to HPOUT1L and HPOUT1R; ADC
record from line input; Measure
crosstalk on ADC output
DACR
HPOUT1LVOL
0dB
DACL
HPOUT1RVOL
0dB
+
INMIXL or
INMIXR
ADCL or
ADCR
CROSSTALK
Quiescent
input
HPOUT1L
HPOUT1R
IN1LP or
IN1RP
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com