Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
71
OUTPUT MIXER CONTROL
The Output Mixer path select and volume controls are described in Table 42 for the Left Channel
(MIXOUTL) and Table 43 for the Right Channel (MIXOUTR). The gain of each of input path may be
controlled independently in the range described in Table 44. The DAC input levels may also be
controlled by the DAC digital volume control - see “Digital to Analogue Converter (DAC)” for further
details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45 (2Dh)
Output Mixer1
5
IN2RN_TO_MIXOUTL
0b
IN2RN to MIXOUTL Mute
0 = Mute
1 = Un-mute
R49 (31h)
Output Mixer5
8:6
IN2RN_MIXOUTL_VOL
[2:0]
000b
IN2RN to MIXOUTL Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R45 (2Dh)
Output Mixer1
4
IN2LN_TO_MIXOUTL
0b
IN2LN to MIXOUTL Mute
0 = Mute
1 = Un-mute
R47 (2Fh)
Output Mixer3
8:6
IN2LN_MIXOUTL_VOL
[2:0]
000b
IN2LN to MIXOUTL Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R45 (2Dh)
Output Mixer1
2
IN1L_TO_MIXOUTL
0b
IN1L PGA Output to MIXOUTL
Mute
0 = Mute
1 = Un-mute
R47 (2Fh)
Output Mixer3
2:0
IN1L_MIXOUTL_VOL
[2:0]
000b
IN1L PGA Output to MIXOUTL
Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R45 (2Dh)
Output Mixer1
3
IN1R_TO_MIXOUTL
0
IN1R PGA Output to MIXOUTL
Mute
0 = Mute
1 = Un-mute
R47 (2Fh)
Output Mixer3
5:3
IN1R_MIXOUTL_VOL
[2:0]
000b
IN1R PGA Output to MIXOUTL
Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R45 (2Dh)
Output Mixer1
1
IN2LP_TO_MIXOUTL
0b
IN2LP to MIXOUTL Mute
0 = Mute
1 = Un-mute
R47 (2Fh)
Output Mixer3
11:9
IN2LP_MIXOUTL_VOL
[2:0]
000b
IN2LP to MIXOUTL Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R45 (2Dh)
Output Mixer1
7
MIXINR_TO_MIXOUTL
0b
MIXINR Output (Right ADC bypass)
to MIXOUTL Mute
0 = Mute
1 = Un-mute
R49 (31h)
Output Mixer5
5:3
MIXINR_MIXOUTL_VO
L [2:0]
000b
MIXINR Output (Right ADC bypass)
to MIXOUTL Volume
0dB to -21dB in 3dB steps
(See Table 44 for Volume Range)
R45 (2Dh)
Output Mixer1
6
MIXINL_TO_MIXOUTL
0b
MIXINL Output (Left ADC bypass)
to MIXOUTL Mute
0 = Mute
1 = Un-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com