Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
99
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
GPIO1_SEL
[3:0]
0000
GPIO1 function select
0000 = GPIO input
0001 = OPCLK
0010 = Logic 0
0011 = Logic 1
0100 = FLL_LOCK
0101 = TEMPOK
0110 = Reserved
0111 = IRQ
1000 = MICBIAS1 current detect
1001 = MICBIAS1 short circuit detect
1010 = MICBIAS2 current detect
1011 = MICBIAS short circuit detect
11XX = Reserved
R20 (14h)
IRQ_DEBOU
NCE
0
GPIO1_DB
0
GPIO1 input de-bounce
0 = disabled
1 = enabled
R22 (16h)
GPIOCTRL2
5
IM_GPIO1_
EINT
0
GPIO1 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
R23 (17h)
GPIO_POL
0
GPIO1_POL
0
GPIO1 interrupt polarity
0 = active high
1 = active low
Table 64 GPIO1 Configuration and Interrupt Control
BUTTON DETECT
The analogue input pins IN2LN and IN2RN support alternate functions as general purpose digital
inputs GPI7 and GPI8 respectively. These digital signals are inputs to the Interrupt function, with
selectable de-bounce and polarity control. The associated interrupt bits are latched once set and can
be polled at any time or used as inputs to the IRQ output. See “Interrupts” for more details of the
Interrupt event handling.
Note that button detect functionality can also be implemented on the GPIO1 pin, as described earlier.
The interrupt bits are latched once set; they are reset by writing a logic ‘1’ to the _EINT register bits
in Register R18 (12h). De-bouncing is provided in order to avoid false event triggers. Note that
TOCLK must be enabled when this input de-bouncing is required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
GPIO CTRL
1
7
GPI8_EINT
0
GPI8 interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written
6
GPI7_EINT
0
GPI7 interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written
R20 (14h)
IRQ_DEBOU
NCE
7
GPI8_DB
0
GPI8 input de-bounce
0 = disabled
1 = enabled
3
GPI7_DB
0
GPI7 input de-bounce
0 = disabled
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com