Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
11
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.2V, AVDD2 = DBVDD = CPVDD = 1.8V, AVDD1 = 3.0V, SPKVDD = 5V, DGND=AGND=CPGND=SPKGND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pin Maximum Signal Levels (IN1LN, IN1LP, IN2LN, IN2LP, IN1RN, IN1RP, IN2RN, IN2RP)
A1
Maximum Full-Scale PGA
Input Signal Level
Note 1,2 and 3
Single-ended PGA input
1.0
0
Vrms
dBV
Differential PGA input
1.0
0
Vrms
dBV
A2
Maximum Full-Scale Line
Input Signal Level
Note 1, 2 and 3
Single-ended Line input
to mixers
1.0
0
Vrms
dBV
Differential mono line
input on VRXP/VRXN to
RXVOICE or Direct Voice
paths to speaker outputs
or earpiece output
1.0
0
Vrms
dBV
Notes:
1. This changes in proportion to AVDD1 (AVDD1/3.0)
2. When mixing line inputs, input PGA outputs and DAC outputs the total signal must not exceed 1Vrms (0dBV).
3. A 1.0Vrms differential signal equates to 0.5Vrms/-6dBV per input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com