Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
92
Eight levels of AC signal boost are provided in order to deliver maximum output power for many
commonly-used SPKVDD/AVDD1 combinations. These boost options are available in both Class AB
and Class D modes. The AC boost levels from 0dB to +12dB are selected using register bits
SPKOUTL_BOOST and SPKOUTR_BOOST. To prevent pop noise, SPKOUTL_BOOST and
SPKOUTR_BOOST should not be modified while the speaker outputs are enabled. Figure 26
illustrates the speaker outputs and the mixing and gain/boost options available.
Ultra-low leakage and high PSRR allow the speaker supply SPKVDD to be directly connected to a
lithium battery. Note that an appropriate SPKVDD supply voltage must be provided to prevent
waveform clipping when speaker boost is used.
DC gain is applied automatically in both class AB and class D modes with a shift from VMID to
SPKVDD/2. This provides optimum signal swing for maximum output power. In class AB mode, an
ultra-high PSRR mode is available, in which the DC reference for the speaker driver is fixed at VMID.
This mode is selected by enabling the SPKAB_REF_SEL bit (see Table 60). In this mode, the output
power is limited but the driver will still be capable of driving more than 500mW in 8
Ω while
maintaining excellent suppression of noise on SPKVDD (for example, TDMA noise in a GSM phone
application).
Figure 26 Speaker Output Configuration and AC Boost Operation
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R35 (23h)
SPKMIXR
Attenuation
8
SPKOUT_CLASSAB
_MODE
0b
Speaker Class AB Mode Enable
0 = Class D mode
1 = Class AB mode
R37 (25h)
SPKOUT
Boost
5:3
SPKOUTL_BOOST
[2:0]
000b
(1.0x)
Left Speaker Gain Boost
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12.0dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com