Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
67
OUTPUT SIGNAL PATHS ENABLE
The output mixers and drivers can be independently enabled and disabled as described in Table 38.
Note that the headphone outputs HPOUT1L and HPOUT1R have dedicated output PGAs and
volume controls. As a result, a low power consumption DAC playback path can be supported without
needing to enable the output mixers MIXOUTL / MIXOUTR or the mixer output PGAs MIXOUTLVOL /
MIXOUTRVOL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
Management
(1)
13
SPKOUTR_ENA
0b
SPKMIXR Mixer, SPKRVOL PGA
and SPKOUTR Output Enable
0 = Disabled
1 = Enabled
12
SPKOUTL_ENA
0b
SPKMIXL Mixer, SPKLVOL PGA
and SPKOUTL Output Enable
0 = Disabled
1 = Enabled
11
HPOUT2_ENA
0b
HPOUT2 Output Stage Enable
0 = Disabled
1 = Enabled
9
HPOUT1L_ENA
0b
Enables HPOUT1L input stage
0 = Disabled
1 = Enabled
Note: When HPOUT1_AUTO_PU is
set, the HPOUT1L_ENA bit
automatically enables all stages of
the left headphone driver
8
HPOUT1R_ENA
0b
Enables HPOUT1R input stage
0 = Disabled
1 = Enabled
Note: When HPOUT1_AUTO_PU is
set, the HPOUT1R_ENA bit
automatically enables all stages of
the right headphone driver
R3 (03h)
Power
Management
(3)
13
LINEOUT1N_ENA
0b
LINEOUT1N Line Out and
LINEOUT1NMIX Enable
0 = Disabled
1 = Enabled
12
LINEOUT1P_ENA
0b
LINEOUT1P Line Out and
LINEOUT1PMIX Enable
0 = Disabled
1 = Enabled
11
LINEOUT2N_ENA
0b
LINEOUT2N Line Out and
LINEOUT2NMIX Enable
0 = Disabled
1 = Enabled
10
LINEOUT2P_ENA
0b
LINEOUT2P Line Out and
LINEOUT2PMIX Enable
0 = Disabled
1 = Enabled
9
SPKRVOL_ENA
0b
SPKMIXR Mixer and SPKRVOL
PGA Enable
0 = Disabled
1 = Enabled
Note that SPKMIXR and SPKRVOL
are also enabled when
SPKOUTR_ENA is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com