Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
57
INITIALISATION
When the DRC is initialised, the gain is set to the level determined by the DRC_STARTUP_GAIN
register field. The default setting is 0dB, but values from -3dB to +6dB are available, as described in
Table 26.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R126 (7Eh)
DRC Control 4
12:8
DRC_STARTUP_
GAIN [4:0]
00110
Initial gain at DRC startup
00000 = -18dB
00001 = -15dB
00010 = -12dB
00011 = -9dB
00100 = -6dB
00101 = -3dB
00110 = 0dB (default)
00111 = 3dB
01000 = 6dB
01001 = 9dB
01010 = 12dB
01011 = 15dB
01100 = 18dB
01101 = 21dB
01110 = 24dB
01111 = 27dB
10000 = 30dB
10001 = 33dB
10010 = 36dB
10011 to 11111 = Reserved
Table 26 DRC Initialisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com