Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
48
DIGITAL MIXING
The ADC and DAC data can be combined in various ways to support a range of different usage
modes.
Data from either of the two ADCs can be routed to either the left or the right channel of the digital
audio interface. In addition, data from either of the digital audio interface channels can be routed to
either the left or the right DAC. See "Digital Audio Interface" for more information on the audio
interface.
The WM8993 provides a Dynamic Range Control (DRC) feature, which can apply compression and
gain adjustment in the digital domain to either the ADC or DAC signal path. This is effective in
controlling signal levels under conditions where input amplitude is unknown or varies over a wide
range.
The DACs can be configured as a mono mix of the two audio channels. Digital sidetone from the
ADCs can also be selectively mixed into the DAC output path.
DIGITAL MIXING PATHS
Figure 14 shows the digital mixing paths available in the WM8993 digital core.
DAC L
DAC R
ADC L
ADC R
Parametric
Equalizer
L R
R L
L/R SWAP
Dynamic Range
Controller
Dynamic Range Control
(DRC) available on ADC
or DAC channels, not both.
Dynamic Range
Controller
+
DIGITAL AUDIO
INTERFACE
A-law and -law Support
TDM Support
MONO MIX
+
L R
R L
AIFADCL_SRC
AIFADCR_SRC
ADCL_DATINV
ADCR_DATINV
AIFDACL_SRC
AIFDACR_SRC
DACL_DATINV
DACR_DATINV
DAC_VU
DACL_VOL[7:0]
DACR_VOL[7:0]
DAC_MUTE
DAC_BOOST[1:0]
DAC_MUTERATE
DAC_UNMUTE_RAMP
ADC_VU
ADCL_VOL[7:0]
ADCR_VOL[7:0]
ADCL_ENA
ADCR_ENA
DACL_ENA
DACR_ENA
DEEMPH[1:0]
DAC_COMP
DAC_COMPMODE
ADC_COMP
ADC_COMPMODE
AIFDAC_TDM
AIFDAC_TDM_CHAN
AIFADC_TDM
AIFADC_TDM_CHAN
AIF_WL[1:0]
AIF_FMT[1:0]
LOOPBACK
ADC_HPF
ADC_HPF_CUT[1:0]
ADCL_DAC_SVOL[3:0]
ADCR_DAC_SVOL[3:0]
DAC_SB_FILT
DAC_MONO
ADC_TO_DACL[1:0]
ADC_TO_DACR[1:0]
Figure 14 Digital Mixing Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com